Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 130 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 127Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 129Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 130Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 131Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 157 page
background image
General Release Specification
Maximum Ratings
MC68HC705C9A — Rev. 2.0
Electrical Specifications
12.2 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep V
IN and VOUT within the range
V
SS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either V
SS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 12.6 DC Electrical Characteristics for guaranteed
operating conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
Normal Operation
Bootloader Mode (IRQ Pin Only)
VIN
VSS –0.3 to VDD + 0.3
VSS –0.3 to 2 x VDD + 0.3
V
Current Drain Per Pin
(Excluding VDD and VSS)
I25
mA
Storage Temperature Range
TSTG
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com