Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 27Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 28Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 29Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 157 page
background image
General Release Specification
Functional Pin Descriptions
MC68HC705C9A — Rev. 2.0
General Description
1.7.9 PB0–PB7
These eight I/O lines comprise port B. The state of each pin is software
programmable and all port B pins are configured as inputs during reset.
Port B has mask option register enabled pullup devices and interrupt
capability selectable for any pin. Refer to Section 7. Input/Output Ports
for more detail.
1.7.10 PC0–PC7
These eight I/O lines comprise port C. The state of each pin is software
programmable and all port C pins are configured as inputs during reset.
PC7 has high current sink and source capability. Refer to Section 7.
Input/Output Ports for more detail.
1.7.11 PD0–PD5 and PD7
These seven I/O lines comprise port D. When configured as a C9A the
state of each pin is software programmable and all port D pins are
configured as inputs during reset. When configured as a C12A, the port
D pins are input only. Refer to Section 7. Input/Output Ports for more
detail.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com