Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 100 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 157 page
background image
General Release Specification
Features
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
10.3 Features
Features include:
•
Full Duplex, Four-Wire Synchronous Transfers
•
Master or Slave Operation
•
Bus Frequency Divided by 2 (Maximum) Master Bit Frequency
•
Bus Frequency (Maximum) Slave Bit Frequency
•
Four Programmable Master Bit Rates
•
Programmable Clock Polarity and Phase
•
End of Transmission Interrupt Flag
•
Write Collision Flag Protection
•
Master-Master Mode Fault Protection Capability
10.4 SPI Signal Description
The four basic signals (MOSI, MISO, SCK, and SS) are described in the
following paragraphs. Each signal function is described for both the
master and slave modes.
NOTE:
In C9A mode, any SPI output line has to have its corresponding data
direction register bit set. If this bit is clear, the line is disconnected from
the SPI logic and becomes a general-purpose input line. When the SPI
is enabled, any SPI input line is forced to act as an input regardless of
what is in the corresponding data direction register bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com