Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 157 page
background image
General Release Specification
SPI Signal Description
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
10.4.3 Serial Clock (SCK)
The master clock is used to synchronize data movement both in and out
of the device through its MOSI and MISO lines. The master and slave
devices are capable of exchanging a byte of information during a
sequence of eight clock cycles. Since SCK is generated by the master
device, this line becomes an input on a slave device.
As shown in Figure 10-1, four possible timing relationships may be
chosen by using control bits CPOL and CPHA in the serial peripheral
control register (SPCR). Both master and slave devices must operate
with the same timing. The master device always places data on the
MOSI line a half cycle before the clock edge (SCK), in order for the slave
device to latch the data.
Two bits (SPR0 and SPR1) in the SPCR of the master device select the
clock rate. In a slave device, SPR0 and SPR1 have no effect on the
operation of the SPI.
10.4.4 Slave Select (SS)
The slave select (SS) input line is used to select a slave device. It has to
be low prior to data transactions and must stay low for the duration of the
transaction.The SS line on the master must be tied high. In master
mode, if the SS pin is pulled low during a transmission, a mode fault error
flag (MODF) is set in the SPSR. In master mode the SS pin can be
selected to be a general-purpose output (when configured as an
MC68HC05C9A) by writing a one in bit 5 of the port D data direction
register, thus disabling the mode fault circuit.
When CPHA = 0, the shift clock is the OR of SS with SCK. In this clock
phase mode, SS must go high between successive characters in an SPI
message. When CPHA = 1, SS may be left low for several SPI
characters. In cases where there is only one SPI slave MCU, its SS line
could be tied to VSS as long as CPHA = 1 clock modes are used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com