Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 104 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 157 page
background image
General Release Specification
Functional Description
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
The SPI is double buffered on read, but not on write. If a write is
performed during data transfer, the transfer occurs uninterrupted, and
the write will be unsuccessful. This condition will cause the write collision
(WCOL) status bit in the SPSR to be set. After a data byte is shifted, the
SPIF flag of the SPSR is set.
In the master mode, the SCK pin is an output. It idles high or low,
depending on the CPOL bit in the SPCR, until data is written to the shift
register, at which point eight clocks are generated to shift the eight bits
of data and then SCK goes idle again.
In a slave mode, the slave select start logic receives a logic low at the
SS pin and a clock at the SCK pin. Thus, the slave is synchronized with
the master. Data from the master is received serially at the MOSI line
and loads the 8-bit shift register. After the 8-bit shift register is loaded, its
data is parallel transferred to the read buffer. During a write cycle, data
is written into the shift register, then the slave waits for a clock train from
the master to shift the data out on the slave’s MISO line.
Figure 10-3 illustrates the MOSI, MISO, SCK, and SS master-slave
interconnections.
Figure 10-3. Serial Peripheral Interface Master-Slave
Interconnection
SPI SHIFT REGISTER
7 6 5 4 3 2 1 0
SPI SHIFT REGISTER
7 6 5 4 3 2 1 0
SPDR ($000C)
SPDR ($000C)
PD3/MOSI
PD2/MISO
PD5/SS
PD4/SCK
MASTER MCU
SLAVE MCU
I/O PORT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com