Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 106 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 108Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 109Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
General Release Specification
SPI Registers
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
DWOM — Port D Wire-OR Mode Option
This read/write bit disables the high side driver transistors on port D
outputs so that port D outputs become open-drain drivers. DWOM
affects all seven port D pins together. This option is only available
when configured as a C9A.
1 = Port D outputs act as open-drain outputs.
0 = Port D outputs are normal CMOS outputs.
MSTR — Master Mode Select
This read/write bit selects master mode operation or slave mode
operation. Reset clears the MSTR bit.
1 = Master mode
0 = Slave mode
CPOL — Clock Polarity
When the clock polarity bit is cleared and data is not being
transferred, a steady state low value is produced at the SCK pin of the
master device. Conversely, if this bit is set, the SCK pin will idle high.
This bit is also used in conjunction with the clock phase control bit to
produce the desired clock-data relationship between master and
slave. See Figure 10-1.
CPHA — Clock Phase
The clock phase bit, in conjunction with the CPOL bit, controls the
clock-data relationship between master and slave. The CPOL bit can
be thought of as simply inserting an inverter in series with the SCK
line. The CPHA bit selects one of two fundamentally different clocking
protocols. When CPHA = 0, the shift clock is the OR of SCK with SS.
As soon as SS goes low, the transaction begins and the first edge on
SCK invokes the first data sample. When CPHA=1, the SS pin may
be thought of as a simple output enable control. See Figure 10-1.
SPR1 and SPR0 — SPI Clock Rate Selects
These read/write bits select one of four master mode serial clock
rates, as shown in Table 10-1. They have no effect in the slave mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com