Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 108 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 108Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 109Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 110Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 111Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 157 page
background image
General Release Specification
SPI Registers
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
WCOL — Write Collision
The write collision bit is set when an attempt is made to write to the
serial peripheral data register while data transfer is taking place. If
CPHA is zero, a transfer is said to begin when SS goes low and the
transfer ends when SS goes high after eight clock cycles on SCK.
When CPHA is one, a transfer is said to begin the first time SCK
becomes active while SS is low and the transfer ends when the SPIF
flag gets set. Clearing the WCOL bit is accomplished by reading the
SPSR (with WCOL set) followed by an access to SPDR.
MODF — Mode Fault
The mode fault flag indicates that there may have been a multi-master
conflict for system control and allows a proper exit from system
operation to a reset or default system state. The MODF bit is normally
clear, and is set only when the master device has its SS pin pulled
low. Setting the MODF bit affects the internal serial peripheral
interface system in the following ways.
1.
An SPI interrupt is generated if SPIE = 1.
2.
The SPE bit is cleared. This disables the SPI.
3.
The MSTR bit is cleared, thus forcing the device into the slave
mode.
Clearing the MODF bit is accomplished by reading the SPSR (with
MODF set), followed by a write to the SPCR. Control bits SPE and
MSTR may be restored by user software to their original state during
this clearing sequence or after the MODF bit has been cleared. When
configured as an MC68HC05C9A, it is also necessary to restore
DDRD after a mode fault.
Bits 5 and 3–0 — Not Implemented
These bits always read zero.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com