Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 17Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 18Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 19Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 20Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 22Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 23Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 24Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
General Release Specification
Configuration Options
MC68HC705C9A — Rev. 2.0
General Description
•
SPI output signals (MOSI, MISO, and SCK) require the
corresponding bits in the port D data direction register to be set for
output.
•
The port D wire-OR mode control bit (bit 5 of SPCR $000A) is
enabled, allowing open-drain configuration of port D.
•
The RESET pin becomes bidirectional; this pin is driven low by a
C9A COP or clock monitor timeout or during power-on reset.
When configured as an MC68HC05C12A:
•
Memory locations $0100–$0FFF are disabled, creating a memory
map identical to the MC68HC05C12A.
•
C12A options in the C12MOR ($3FF1) are enabled; these bits
control IRQ sensitivity, STOP instruction disable and C12 COP
enable.
•
The C9A option register ($3FDF) is disabled, preventing software
control over the IRQ sensitivity and the memory map
configuration.
•
The C9A COP reset register ($001D) and the C9A COP control
register ($001E) are disabled, preventing software control over the
C9A COP and clock monitor.
•
The C12 COP clear register ($3FF0) is enabled; this write-only
register is used to clear the C12 COP.
•
The port D data direction register ($0007) is disabled and the
seven port D pins become input only.
•
SPI output signals (MOSI, MISO, and SCK) do not require the
data direction register control for output capability.
•
The port D wire-OR mode control bit (bit 5 of SPCR $000A) is
disabled, preventing open-drain configuration of port D.
•
The RESET pin becomes input only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com