Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 157 page
background image
General Release Specification
MC68HC05C12A Compatible COP
MC68HC705C9A — Rev. 2.0
Resets
5.7 MC68HC05C12A Compatible COP
This COP is implemented with an 18-bit ripple counter. This provides a
timeout period of 64 milliseconds at a bus rate (fop) of 2 MHz. If the COP
should time out, a system reset will occur and the device will be
re-initialized in the same fashion as a power-on reset or reset.
5.8 MC68HC05C12A Compatible COP Clear Register
The COP clear register, shown in Figure 5-6, resets the C12A COP
counter.
COPC — Computer Operating Properly Clear
Preventing a COP reset is achieved by writing a zero to the COPC bit.
This action will reset the counter and begin the timeout period again.
The COPC bit is bit 0 of address $3FF0. A read of address $3FF0 will
result in the data programmed into the mask option register PBMOR.
5.9 COP During Wait Mode
Either COP will continue to operate normally during wait mode. The
software must pull the device out of wait mode periodically and reset the
COP to prevent a system reset.
$3FF0
Bit 7
6543
2
1
Bit 0
Read:
Write:
COPC
Reset:
0
0
0
U
0
0
0
0
= Unimplemented
U = Undetermined
Figure 5-6. COP Clear Register (COPCLR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com