Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 11Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 12Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 13Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 14Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 15Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 16Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 17Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 18Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
MC68HC705C9A — Rev. 2.0
List of Tables
General Release Specification — MC68HC705C9A
List of Tables
Table
Title
Page
4-1
Vector Addresses for Interrupts and Resets . . . . . . . . . . . 46
5-1
COP Timeout Period . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
9-1
Baud Rate Generator Clock Prescaling . . . . . . . . . . . . . . . 96
9-2
Baud Rate Selection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
10-1
SPI Clock Rate Selection . . . . . . . . . . . . . . . . . . . . . . . . . 107
11-1
Register/Memory Instructions. . . . . . . . . . . . . . . . . . . . . . 116
11-2
Read-Modify-Write Instructions . . . . . . . . . . . . . . . . . . . . 117
11-3
Jump and Branch Instructions . . . . . . . . . . . . . . . . . . . . . 119
11-4
Bit Manipulation Instructions . . . . . . . . . . . . . . . . . . . . . . 120
11-5
Control Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
11-6
Instruction Set Summary . . . . . . . . . . . . . . . . . . . . . . . . . 122
11-7
Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
12-1
DC Electrical Characteristics (VDD = 5.0 Vdc) . . . . . . . . . 134
12-2
DC Electrical Characteristics (VDD = 3.3 Vdc) . . . . . . . . . 135
12-3
Control Timing (VDD = 5.0 V ±10%) . . . . . . . . . . . . . . . . . 138
12-4
Control Timing (VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . . . . 139
12-5
Serial Peripheral Interface Timing (VDD = 5.0 Vdc) . . . . . 142
12-6
Serial Peripheral Interface Timing (VDD = 3.3 Vdc) . . . . . 143
14-1
MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
A-1
Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
A-2
Bootloader Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
B-1
M68HC05Cx Feature Comparison . . . . . . . . . . . . . . . . . . 156
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com