Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705C9AGRS/D Datasheet(PDF) 153 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 149Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 150Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 151Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 152Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 153Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 154Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 155Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 156Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 157Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 153 / 157 page
background image
General Release Specification
MC68HC705C9A — Rev. 2.0
A.5 Programming Register (PROG)
This register is used to program the EPROM array. To program a byte
of EPROM, set LATCH, write data to the desired address, and set
EPGM for tEPGM.
LATCH — EPROM Latch Control
This read/write bit controls the latching of the address and data buses
when programming the EPROM.
1 = Address and data buses latched when the following instruction
is a write to one of the EPROM locations. Normal reading is
disabled if LATCH = 1.
0 = EPROM address and data bus configured for normal reading
EPGM — EPROM Program Control
This read/write bit controls whether the programming voltage is
applied to the EPROM array. For programming, this bit can be set
only if the LATCH bit has been set previously. Both EPGM and
LATCH cannot be set in the single write.
1 = Programming voltage applied to EPROM array
0 = Programming voltage not applied to EPROM array
NOTE:
Bits 7–3 and bit 1 MUST be set to zero when writing to the EPROM
programming register.
$001X
Bit 7
6
5
4
3
2
1
Bit 0
Read:
LATCH
EPGM
Write:
Reset:
0
0
0
0
0
0
0
0
Figure A-1. EPROM Programming Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com