Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 17Page - NXP Semiconductors MPC604 Datasheet HTML 18Page - NXP Semiconductors MPC604 Datasheet HTML 19Page - NXP Semiconductors MPC604 Datasheet HTML 20Page - NXP Semiconductors MPC604 Datasheet HTML 21Page - NXP Semiconductors MPC604 Datasheet HTML 22Page - NXP Semiconductors MPC604 Datasheet HTML 23Page - NXP Semiconductors MPC604 Datasheet HTML 24Page - NXP Semiconductors MPC604 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
21
1.3.2.6 Segment Registers (SRs)
For memory management, 32-bit PowerPC implementations use sixteen 32-bit segment registers (SRs).
1.3.2.7 Special-Purpose Registers (SPRs)
The PowerPC operating environment architecture defines numerous special-purpose registers that serve a
variety of functions, such as providing controls, indicating status, configuring the processor, and performing
special operations. Some SPRs are accessed implicitly as part of executing certain instructions. All SPRs
can be accessed by using the move to/from special purpose register instructions, mtspr and mfspr.
In the 604, all SPRs are 32 bits wide.
1.3.2.8 User-Level SPRs
The following SPRs are accessible by user-level software:
•
Link register (LR)—The link register can be used to provide the branch target address and to hold
the return address after branch and link instructions. The LR is 32 bits wide.
•
Count register (CTR)—The CTR is decremented and tested automatically as a result of branch and
count instructions. The CTR is 32 bits wide.
•
XER—The 32-bit XER contains the integer carry and overflow bits.
•
The time base registers (TBL and TBU) can be read by user-level software, but can be written to
only by supervisor-level software.
1.3.2.9 Supervisor-Level SPRs
The 604 also contains SPRs that can be accessed only by supervisor-level software. These registers consist
of the following:
•
The 32-bit data DSISR defines the cause of data access and alignment exceptions.
•
The data address register (DAR) is a 32-bit register that holds the address of an access after an
alignment or data access exception.
•
Decrementer register (DEC) is a 32-bit decrementing counter that provides a mechanism for
causing a decrementer exception after a programmable delay. In the 604, the decrementer frequency
is 1/4th of the bus clock frequency (as is the time base frequency).
•
The 32-bit SDR1 register specifies the page table format used in logical-to-physical address
translation for pages.
•
The machine status save/restore register 0 (SRR0) is a 32-bit register that is used by the 604 for
saving the address of the instruction that caused the exception, and the address to return to when a
Return From Interrupt (rfi) instruction is executed.
•
The machine status save/restore register 1 (SRR1) is a 32-bit register used to save machine status
on exceptions and to restore machine status when an rfi instruction is executed.
•
SPRG0–SPRG3 registers are 32-bit registers provided for operating system use.
•
The external access register (EAR) is a 32-bit register that controls access to the external control
facility through the External Control In Word Indexed (eciwx) and External Control Out Word
Indexed (ecowx) instructions.
•
The processor version register (PVR) is a 32-bit, read-only register that identifies the version
(model) and revision level of the PowerPC processor.
•
The time base registers (TBL and TBU) together provide a 64-bit time base register. The registers
are implemented as a 64-bit counter, with the least-significant bit being the most frequently
incremented. The PowerPC architecture defines that the time base frequency be provided as a
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com