Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 10Page - NXP Semiconductors MPC604 Datasheet HTML 11Page - NXP Semiconductors MPC604 Datasheet HTML 12Page - NXP Semiconductors MPC604 Datasheet HTML 13Page - NXP Semiconductors MPC604 Datasheet HTML 14Page - NXP Semiconductors MPC604 Datasheet HTML 15Page - NXP Semiconductors MPC604 Datasheet HTML 16Page - NXP Semiconductors MPC604 Datasheet HTML 17Page - NXP Semiconductors MPC604 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
PowerPC 604 RISC Microprocessor Technical Summary
1.2.5.1 Memory Accesses
Memory accesses allow transfer sizes of 8, 16, 24, 32, 40, 48, 56, or 64 bits in one bus clock cycle. Data
transfers occur in either single-beat transactions or four-beat burst transactions. A single-beat transaction
transfers as much as 64 bits. Single-beat transactions are caused by noncached accesses that access memory
directly (that is, reads and writes when caching is disabled, cache-inhibited accesses, and stores in write-
through mode). Burst transactions, which always transfer an entire cache block (32 bytes), are initiated
when a block in the cache is read from or written to memory. Additionally, the 604 supports address-only
transactions used to invalidate entries in other processors’ TLBs and caches.
Typically I/O accesses are performed using the same protocol as memory accesses.
1.2.5.2 Signals
The 604’s signals are grouped as follows:
•
Address arbitration signals—The 604 uses these signals to arbitrate for address bus mastership.
•
Address transfer start signals—These signals indicate that a bus master has begun a transaction on
the address bus.
•
Address transfer signals—These signals, which consist of the address bus, address parity, and
address parity error signals, are used to transfer the address and to ensure the integrity of the
transfer.
•
Transfer attribute signals—These signals provide information about the type of transfer, such as the
transfer size and whether the transaction is bursted, write-through, or cache-inhibited.
•
Address transfer termination signals—These signals are used to acknowledge the end of the address
phase of the transaction. They also indicate whether a condition exists that requires the address
phase to be repeated.
•
Data arbitration signals—The 604 uses these signals to arbitrate for data bus mastership.
•
Data transfer signals—These signals, which consist of the data bus, data parity, and data parity error
signals, are used to transfer the data and to ensure the integrity of the transfer.
•
Data transfer termination signals—Data termination signals are required after each data beat in a
data transfer. In a single-beat transaction, the data termination signals also indicate the end of the
tenure, while in burst accesses, the data termination signals apply to individual beats and indicate
the end of the tenure only after the final data beat. They also indicate whether a condition exists that
requires the data phase to be repeated.
•
System status signals—These signals include the interrupt signal, checkstop signals, and both soft-
and hard-reset signals. These signals are used to interrupt and, under various conditions, to reset the
processor.
•
Processor state signals—These two signals are used to set the reservation coherency bit and set the
size of the 604’s output buffers.
•
Miscellaneous signals—These signals are used in conjunction with such resources as secondary
caches and the time base facility.
•
COP interface signals—The common on-chip processor (COP) unit is the master clock control unit
and it provides a serial interface to the system for performing built-in self test (BIST).
•
Clock signals—These signals determine the system clock frequency. These signals can also be used
to synchronize multiprocessor systems.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com