Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC603EC/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 20Page - NXP Semiconductors MPC603EC/D Datasheet HTML 21Page - NXP Semiconductors MPC603EC/D Datasheet HTML 22Page - NXP Semiconductors MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EC/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24
603 Hardware Specifications
Wakefield Engineering
617-245-5900
60 Audubon Rd.
Wakefield, MA 01880
Aavid Engineering
603-528-3400
One Kool Path
Laconia, NH 03247-0440
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
1.8.6.1 Internal Package Conduction Resistance
For this packaging technology the intrinsic thermal conduction resistance (shown in Table 3) versus the
external thermal resistance paths are shown in Figure 14 for a package with an attached heat sink mounted
to a printed-circuit board.
Figure 14. Package with Heat Sink Mounted to a Printed-Circuit Board
1.8.6.2 Adhesives and Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the
thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism,
Figure 15 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/
oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure. As shown,
the performance of these thermal interface materials improves with increasing contact pressure. The use of
thermal grease significantly reduces the interface thermal resistance. That is, the bare joint results in a
thermal resistance approximately 7 times greater than the thermal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 13). This spring force should not exceed 5.5 pounds of force. Therefore, the synthetic grease offers
the best thermal performance, considering the low interface pressure. Of course, the selection of any thermal
interface material depends on many factors—thermal performance requirements, manufacturability, service
temperature, dielectric properties, cost, etc.
External Resistance
External Resistance
Internal Resistance
(Note the internal versus external package resistance)
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com