Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC603EC/D Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EC/D Datasheet HTML 28Page - NXP Semiconductors MPC603EC/D Datasheet HTML 29Page - NXP Semiconductors MPC603EC/D Datasheet HTML 30Page - NXP Semiconductors MPC603EC/D Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
603 Hardware Specifications
29
Appendix A
General Handling Recommendations for the
C4-CQFP Package
The following list provides a few guidelines for package handling:
•
Handle the electrostatic discharge sensitive (ESD) package with care before, during, and after
processing.
•
Do not apply any load to exceed 3 Kg after assembly.
•
Components should not be hot-dip tinned.
•
The package encapsulation is an acrylated urethane. Use adequate ventilation (local exhaust) for all
elevated temperature processes.
The package parameters are as follows:
Heat sink adhesive
AIEG-7655
IBM reference drawing
99F4869
Test socket
Yamaichi QFP-PO 0.5-240P
Signal
165
Power/ground
75
Total
240
A.1 Package Environmental, Operation, Shipment,
and Storage Requirements
The environmental, operation, shipment, and storage requirements are as follows:
•
Make sure that the package is suitable for continuous operation under business office environments.
— Operating environment: 10
°C to 40 °C, 8% to 80% relative humidity
— Storage environment: 1
°C to 60 °C, up to 80% relative humidity
— Shipping environment: 40
°C to 60 °C, 5% to 100% relative humidity
•
This component is qualified to meet JEDEC moisture Class 2.
After expiration of shelf life, packages may be baked at 120
°C (+10/–5 °C) for 4 hours minimum
and then be used or repackaged. Shelf life is as specified by JEDEC for moisture Class 2
components.
A.2 Card Assembly Recommendations
This section provides recommendations for card assembly process. Follow these guidelines for card
assembly.
•
This component is supported for aqueous, IR, convection reflow, and vapor phase card assembly
processes.
•
The temperature of packages should not exceed 220
°C for longer than 5 minutes.
•
The package entering a cleaning cycle must not be exposed to temperature greater than that
occurring during solder reflow or hot air exposure.
•
It is not recommended to re-attach a package that is removed after card assembly.
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com