Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5920 Datasheet(PDF) 117 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 117 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 118Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 121Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
117
Data Book
mation for the current PCI cycle. When the PCI bus
performs burst accesses, the APTA register is incre-
mented by the S5920 to reflect the address of the
current data phase. PTNUM[1:0] is used to determine
what region owns the current data access.
For PCI writes to the Add-On, the S5920 transfers
data from the PCI bus into the Pass-Thru Write FIFO.
When the Pass-Thru write FIFO becomes not empty,
the S5920 asserts the Pass-Thru status signals to indi-
cate to the Add-On that data is present. The Add-On
logic will then read data from the FIFO. The S5920
continues accepting write data from the PCI initiator as
long as the 8x32 FIFO is not full.
For PCI reads from the Add-On, the S5920 asserts the
Pass-Thru status signals to indicate to the Add-On that
data is required. The Add-On logic should write the
requested data into the Pass-Thru Read FIFO. The
S5920 will assert TRDY# to the PCI bus after the Add-
On logic has transferred data into the FIFO. As long as
data is in the FIFO, and PCI read data is still
requested, TRDY# will continue to be asserted. If the
Add-On cannot provide data quickly enough, the
S5920 signals a disconnect to the PCI bus. This
allows the PCI bus to perform other tasks, rather than
waiting for a slow target. The S5920 will prefetch data
if enabled.
Pass-Thru Status/Control Signals
The S5920 Pass-Thru registers are accessed using
the Add-On register access pins. The Pass-Thru
Address Register (APTA) can, optionally, be accessed
using a single, direct access input, PTADR#. Pass-
Thru cycle status indicators are provided to control
Add-On logic based on the type of Pass-Thru access
occurring (single cycle, burst, etc.). The signals in the
table above are provided for Pass-Thru operation:
BUS INTERFACE
The Pass-Thru data channel allows PCI initiators to
read or write to resources on the Add-On bus. A PCI
initiator may access the Add-On with single data
phase cycles or multiple data phase bursts. The Add-
On interface implements Pass-Thru status and control
signals used by logic to complete data transfers initi-
ated by the PCI bus. The Pass-Thru interface is
designed to allow Add-On logic to function without
knowledge of PCI bus activity. Add-On logic only
needs to react to the Pass-Thru status signals. The
S5920 PCI device independently interacts with the
PCI initiator to control data flow between the devices.
The following sections describe the PCI and Add-On
bus interfaces. The PCI interface description provides
a basic overview of how the S5920 interacts with the
PCI bus, and may be useful in system debugging. The
Add-On interface description indicates functions
required by Add-On logic and details the Pass-Thru
handshaking protocol.
PCI Bus Interface
The S5920 device examines all PCI bus cycle
addresses. If the address associated with the current
Signal
Function
PTATN#
This output indicates a Pass-Thru access needs servicing.
PTBURST#
This output indicates that the current Pass-Thru access is a PCI burst transfer or a single cycle transfer.
PTBURST# is deasserted immediately after the second to last burst data has been transferred on the PCI
side. PTBURST# is also active during prefetch cycles.
PTNUM[1:0]
These outputs indicate which Pass-Thru region decoded the PCI address.
PTBE[3:0]#
These outputs indicate which data bytes are valid (PCI writes), or requested (PCI reads). See timing dia-
grams for further details. PTBE0# = 0 Byte 0 is valid, PTBE1# = 0 Byte 1 is valid, PTBE# = 0 Byte 2 is valid,
PTBE3# = 0 Byte 3 is valid.
PTWR
This output indicates if the Pass-Thru access is a PCI read or a write.
PTADR#
When asserted, this pin drives the Pass-Thru Address Register contents onto the Add-On data bus. This
input enables the DQ[31:0] data bus to become active immediately. There is NO pipeline delay from PTADR#
to DQ, as there is from RD# to DQ. As result, this is an asychronous input.
PTRDY#
In Passive mode, this input indicates the current Pass-Thru transfer has been has been completed by the
Add-On. In Active mode, this input indicates that wait states are to be inserted for the next transfer.
ADCLK
Input Add-On clock (to synchronize Pass-Thru data register accesses).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com