| Electronic Components Datasheet Search |
|
CS5920 Datasheet(PDF) 118 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 Datasheet(HTML) 118 Page - Applied Micro Circuits Corporation |
|
118 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 118 Data Book cycle decodes to one of the S5920 Pass-Thru regions, DEVSEL# is asserted. If the Pass-Thru logic is cur- rently idle (not busy finishing a previous Pass-Thru operation), the bus cycle type is decoded and the Add- On Pass-Thru status outputs are set to initiate a trans- fer on the Add-On bus. The following sections describe the behavior of the PCI interface for Pass- Thru accesses to the S5920. Single cycle accesses, burst accesses, and target-initiated retries are detailed. PCI Pass-Thru Single Cycle Accesses A single cycle transfer is the simplest of PCI bus trans- actions. Single cycle transfers have an address phase and a single data phase. The PCI bus transaction starts when an initiator drives address and command information onto the PCI bus and asserts FRAME#. The initiator always deasserts FRAME# before the last data phase. For single cycle transfers, FRAME# is only asserted during the address phase (indicating the first data phase is also the last). When the S5920 sees FRAME# asserted, it samples the address and command information to determine if the bus transaction is intended for it. If the address is within one of the defined Pass-Thru regions or internal PCI Operation Register, the S5920 accepts the trans- fer (asserts DEVSEL#), and stores the PCI address in the Pass-Thru Address Register (APTA). For Pass-Thru writes, the S5920 responds immedi- ately (asserting TRDY#) and transfers the data from the PCI bus into the write FIFO as long as the write FIFO is not full. The S5920 then indicates to the Add- On interface that a Pass-Thru write is taking place and waits for Add-On logic to complete the transfer. Once the S5920 has captured the data from the PCI bus, the transfer is finished from the PCI bus perspective, and the PCI bus becomes available for other transfers. For Pass-Thru reads, the S5920 indicates to the Add- On interface that a Pass-Thru read is taking place and waits for Add-On logic to complete the cycle. If the Add-On cannot complete the cycle quickly enough, the S5920 requests a retry from the initiator. The S5920 will fetch one DWORD from the Add-On side, and store it in the Read FIFO. PCI Pass-Thru Burst Accesses For PCI Pass-Thru burst accesses, the S5920 cap- tures the PCI address and determines if it falls into one of the defined Pass-Thru regions. Accesses that fall into a Pass-Thru region or internal PCI Operation Reg- ister are accepted by asserting DEVSEL#. The S5920 monitors FRAME# and IRDY# on the PCI bus to iden- tify burst accesses. If the PCI initiator is performing a burst access, the Pass-Thru status indicators notify the Add-On logic. For Pass-Thru burst writes, the S5920 responds immediately (asserting TRDY#). The S5920 transfers the first data phase of the burst into the FIFO, and stores the PCI address in the Pass-Thru Address Reg- ister (APTA). The S5920 can accept up to 8 DWORDs from the PCI bus before transferring one DWORD on the Add-On side. If the Add-On bus is slow, the device will keep the FIFO full until the data is ready to be transferred by the slow Add-On bus. If the Add-On bus is fast at accepting the data, then the FIFO will con- tinue an indefinite burst, or until the PCI master is forced to relinquish the bus for arbitration reasons, or the PCI bus master has gone beyond the Pass-Thru region address space. For burst accesses, the APTA is automatically incremented by the S5920 for each data phase. For Pass-Thru burst reads, the S5920 claims the PCI cycle (asserting DEVSEL#). The request for data is passed on to Add-On logic and the PCI address is stored in the APTA register. The device will prefetch data if the feature is enabled. The S5920 then drives the requested data on the PCI bus and asserts TRDY# to begin the next data phase. The APTA register is automatically incremented by the S5920 after each data phase. PCI Disconnect Conditions Before discussing what causes the S5920 to issue a disconnect on the PCI bus, it might be useful to distin- guish between a disconnect and retry. A retry occurs when a PCI initiator does not receive a single TRDY#, but is issued a STOP# instead. In this case, no data is transferred. The PCI 2.1 spec states that the initiator is required to come back and complete this transfer. A disconnect occurs after at least one data phase was completed (TRDY# and IRDY# asserted simulta- neously). This occurs when a STOP# is asserted either with a TRDY# or after a TRDY#/IRDY# transfer. In this case, the initiator is not required to return to complete the transfer. In some applications, Add-On logic may not be able to respond to Pass-Thru accesses quickly. In this situa- tion, the S5920 will Retry the cycle on the PCI side. For PCI write cycles, the S5920 will accept up to 8 DWORDs without a disconnect or until the FIFO is full. For a PCI read cycle, the first access needs to take less than 16 PCI clocks, otherwise the device will issue a Retry. A subsequent read transfer must take less than 8 PCI clocks, otherwise the device will issue a disconnect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |