Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 40 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 40 of 44
REGISTER 12—SWD/THRESHOLD SETUP REGISTER
DATA PACKET LENGTH
CONTROL
BITS
LOCK THRESHOLD MODE
0
THRESHOLD FREE RUNNING
1
LOCK THRESHOLD AFTER NEXT SYNCWORD
2
LOCK THRESHOLD AFTER NEXT SYNCWORD
FOR DATA_PACKET_LENGTH NUMBER OF BYTES
3
LOCK THRESHOLD
DATA PACKET LENGTH
0
INVALID
1
1 BYTE
...
...
255
255 BYTES
INTUPT/LOCK PIN MODE
0
INTUPT PIN LOW
1
INTUPT PIN HIGH AFTER NEXT SYNCWORD
2
INTUPT PIN HIGH AFTER NEXT SYNCWORD
FOR DATA_PACKET_LENGTH NUMBER OF BYTES
3
INTUPT PIN HIGH
Figure 44.
Register 12—SWD/Threshold Setup Register Notes
•
Lock threshold locks the threshold of the envelope detector. This has the effect of locking the slicer in linear demod and also locking
the AFC and AGC loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com