Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 10Page - Analog Devices ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 14 of 44
VOLTAGE CONTROLLED OSCILLATOR (VCO)
To minimize spurious emissions, the on-chip VCO operates
from 1724 MHz to 1880 MHz. The VCO signal is then divided
by 2 to give the required frequency for the transmitter and the
required LO frequency for the receiver.
The VCO should be recentered, depending on the required
frequency of operation, by programming the VCO adjust bits
R1_DB[23:24]. The VCO is enabled by Bit R1_DB17.
A further frequency divide-by-2 is included after the PLL to
allow operation from 432 MHz to 470 MHz using the internal
VCO inductor and 80 MHz to 325 MHz using the external VCO
inductor. This divide-by-2 is enabled by setting R1_DB18 to 1.
The VCO needs an external 22 nF capacitor between the VCO
and the regulator to reduce internal noise.
VCO
LOOP FILTER
VCO BIAS
R1_DB(19:22)
220µF
CVCO PIN
DIVIDE BY 2
R1_DB18
÷2
÷2
MUX
TO
N DIVIDER
TO PA
Figure 12. Voltage Controlled Oscillator (VCO)
The ADF7021 on-chip VCO can use either an internal or
external tank inductor. The possible frequency ranges are given
in Table 5.
Table 5. RF Output Frequency Ranges for Internal/External
VCO Inductor and Divide-by-2 Enabled/Disabled
RF Frequency
Output (MHz)
Int/Ext VCO Inductor
R1_DB25
Divide-by-2
R1_DB18
862 to 940
0
0
431 to 470
0
1
135 to 650
1
0
80 to 325
1
1
Internal VCO Inductor
To select the internal VCO inductor, set R1_DB25 to Logic 0,
which is the default setting.
VCO bias current can be adjusted using Bits R1_DB[19:22]. To
ensure VCO oscillation, the minimum bias current setting under
all conditions when using the internal VCO inductor is 0xA.
The VCO should be recentered, depending on the required
frequency of operation, by programming the VCO adjust bits
R1_DB[23:24].
Using the External VCO Inductor
When using an external inductor, the center frequency of the
VCO is set by the internal varactor capacitance and the
combined inductance of the external chip inductor, bond wire,
and PCB track. A plot of the VCO operating frequency vs. total
external inductance (chip inductor + PCB track) is shown in
Figure 13. The inductance for a PCB track using FR4 material is
approximately 0.57 nH/mm. This should be subtracted from the
total value to determine the correct chip inductor value.
0
5
10
15
20
25
30
200
250
300
350
400
450
500
550
600
650
700
TOTAL EXTERNAL INDUCTANCE (nH)
750
FMIN (MHz)
FMAX (MHz)
Figure 13. VCO Operating Frequency vs. Total External Inductance
VCO bias current can be adjusted using Bits R1_DB[19:22]. To
minimize current consumption and to ensure reliable
operation, the bias current setting should be as indicated in
Table 6.
Table 6. Recommended VCO Bias Currents for External
VCO Inductor
RF Frequency Output (f)
VCO Bias R1_DB[19:22]
f < 200 MHz
0001
200 MHz < f < 450 MHz
0010
f > 450 MHz
0011
CHOOSING CHANNELS FOR BEST SYSTEM
PERFORMANCE
The architecture of fractional-N results in some level of the
nearest integer channel moving through the loop to the RF
output. These beat-note spurs are not attenuated by the loop, if
the desired RF channel and the nearest integer channel are
separated by a frequency of less than the LBW. The occurrence
of beat-note spurs is rare because the integer frequencies are at
multiples of the reference, which is typically >10 MHz. Beat-
note spurs can be significantly reduced in amplitude by
avoiding very small or very large values in the fractional register
using the frequency doubler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com