Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 7Page - Analog Devices ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices ADF7021 Datasheet HTML 10Page - Analog Devices ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 11 of 44
Pin No.
Mnemonic
Function
28
SCLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the 24-bit shift register on the CLK rising edge. This pin is a digital CMOS input.
29
GND2
Ground for Digital Section.
30
ADCIN
Analog-to-Digital Converter Input. The internal 7-bit ADC can be accessed through this pin. Full scale is 0 V
to 1.9 V. Readback is made using the SREAD pin.
31
CREG2
Regulator Voltage for Digital Block. A 100 nF capacitor should be placed between this pin and ground for
regulator stability and noise rejection.
32
VDD2
Voltage Supply for Digital Block. A decoupling capacitor of 10 nF should be placed as close as possible to
this pin.
33
SWD
Sync Word Detect. The ADF7021 asserts this pin when it has found a match for the sync word sequence
(See the Register 11—Sync Word Detect Register section). This provides an interrupt for an external
microcontroller indicating valid data is being received.
34
DATA I/O | RxDATA
Transmit Data Input/Received Data Output. This is a digital pin and normal CMOS levels apply.
In UART mode, this pin provides an output for the received data in receive mode. In transmit mode, this
pin is high impedance (see the Register 0—N Register section).
35
DATA CLK | TxDATA
Outputs the data clock in both receive and transmit modes. This is a digital pin and normal CMOS levels
apply. The positive clock edge is matched to the center of the received data. In transmit mode, this pin
outputs an accurate clock to latch the data from the microcontroller into the transmit section at the exact
required data rate. In UART mode, this pin is used to input the transmit data in transmit mode. In receive
mode, this pin is high impedance (see the Register 0—N Register section).
36
CLKOUT
A Divided-Down Version of the Crystal Reference with Output Driver. The digital clock output can be used to
drive several other CMOS inputs such as a microcontroller clock. The output has a 50:50 mark-space ratio.
37
MUXOUT
Provides the Lock_Detect Signal. This signal is used to determine if the PLL is locked to the correct
frequency. Other signals include Regulator_Ready, which is an indicator of the status of the serial interface
regulator (see the Register 0—N Register section).
38
OSC2
The reference crystal should be connected between this pin and OSC1. A TCXO reference can be used by
driving this pin with CMOS levels and disabling the crystal oscillator.
39
OSC1
The reference crystal should be connected between this pin and OSC2.
40
VDD3
Voltage Supply for the Charge Pump and PLL Dividers. This pin should be decoupled to ground with a
10 nF capacitor.
41
CREG3
Regulator Voltage for Charge Pump and PLL Dividers. A 100 nF capacitor should be placed between this
pin and ground for regulator stability and noise rejection.
42
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
43
VDD
Voltage Supply for VCO Tank Circuit. This pin should be decoupled to ground with a 10 nF capacitor.
44, 46
L2, L1
External VCO Inductor Pins. If using an external VCO inductor, a chip inductor should be connected across
these pins to set the VCO operating frequency. If using the internal VCO inductor, these pins can be left
floating. See the Voltage Controlled Oscillator (VCO) section for more information.
45, 47
GND, GND1
Grounds for VCO Block.
48
CVCO
A 22 nF capacitor should be placed between this pin and CREG1 to reduce VCO noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com