Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVR Datasheet(HTML) 4 Page - Texas Instruments

  LP2985-33DBVR Datasheet HTML 1Page - Texas Instruments LP2985-33DBVR Datasheet HTML 2Page - Texas Instruments LP2985-33DBVR Datasheet HTML 3Page - Texas Instruments LP2985-33DBVR Datasheet HTML 4Page - Texas Instruments LP2985-33DBVR Datasheet HTML 5Page - Texas Instruments LP2985-33DBVR Datasheet HTML 6Page - Texas Instruments LP2985-33DBVR Datasheet HTML 7Page - Texas Instruments LP2985-33DBVR Datasheet HTML 8Page - Texas Instruments LP2985-33DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VIN
Continuous input voltage range (for legacy chip)
–0.3
16
V
Continuous input voltage range (for new chip)
–0.3
18
VOUT
Output voltage range (for legacy chip)
–0.3
9
Output voltage range (for new chip)
–0.3
VIN + 0.3 or 9V (whichever
is smaller)
VBYPASS
BYPASS pin voltage range (for new chip)
–0.3
3
VON/OFF
ON/OFF pin voltage range (for legacy chip)
–0.3
16
ON/OFF pin voltage range (for new chip)
–0.3
18
Current
Maximum output
Internally limited
A
Temperature
Operating junction, TJ
–55
150
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltages with respect to GND.
6.2 ESD Ratings
VALUE
(Legacy
chip)
VALUE
(New
chip)
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
±3000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
±1000
(1)
JEDEC document JEP155 states that 2-kV HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply input voltage (for legacy chip)
2.2
16
V
Supply input voltage (for new chip)
2.5
16
VOUT
Output voltage (for legacy chip)
1.2
10.0
Output voltage (for new chip)
1.2
5.0
VBYPASS
Bypass voltage
1.2
VON/OFF
Enable voltage (for legacy chip)
0
VIN
Enable voltage (for new chip)
0
16
IOUT
Output current
0
150
mA
CIN (1)
Input capacitor
1
μF
COUT
Output capacitor (for legacy chip)
2.2
4.7
μF
Output capacitance (for new chip) (1)
1
2.2
200
TJ
Operating junction temperature
–40
125
°C
(1)
All capacitor values are assumed to derate to 50% of the nominal capacitor value. Maintain an effective output capacitance of 1 μF
minimum for stability.
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com