Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVR Datasheet(HTML) 2 Page - Texas Instruments

  LP2985-33DBVR Datasheet HTML 1Page - Texas Instruments LP2985-33DBVR Datasheet HTML 2Page - Texas Instruments LP2985-33DBVR Datasheet HTML 3Page - Texas Instruments LP2985-33DBVR Datasheet HTML 4Page - Texas Instruments LP2985-33DBVR Datasheet HTML 5Page - Texas Instruments LP2985-33DBVR Datasheet HTML 6Page - Texas Instruments LP2985-33DBVR Datasheet HTML 7Page - Texas Instruments LP2985-33DBVR Datasheet HTML 8Page - Texas Instruments LP2985-33DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 9
7 Detailed Description......................................................16
7.1 Overview................................................................... 16
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 23
8.3 Power Supply Recommendations.............................28
8.4 Layout....................................................................... 28
9 Device and Documentation Support............................29
9.1 Device Nomenclature................................................29
9.2 Receiving Notification of Documentation Updates....29
9.3 Support Resources................................................... 29
9.4 Trademarks...............................................................29
9.5 Electrostatic Discharge Caution................................29
9.6 Glossary....................................................................29
10 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (February 2022) to Revision Q (December 2022)
Page
• Changed Features section..................................................................................................................................1
• Added last bullet to Applications section............................................................................................................ 1
• Changed Description section..............................................................................................................................1
• Changed Description column and added footnote to Pin Functions table ......................................................... 3
• Changed condition statement and curve titles and added curves for new chip in Typical Characteristics
section................................................................................................................................................................ 9
• Changed Overview section...............................................................................................................................16
• Changed Functional Block Diagram figure....................................................................................................... 16
• Changed Feature Description section and added subsections........................................................................ 16
• Added Output Pulldown section........................................................................................................................18
• Changed Device Functional Modes section: changed Normal Operation section, added Device Functional
Mode Comparison, Dropout Operation, and Disabled sections, and deleted Shutdown Mode section........... 18
• Changed Application Information section: deleted previous information and added new subsections............ 20
• Changed LOW and HIGH pin voltages and deleted slew rate discussion from ON/OFF Operation section....23
• Changed Application Curves section................................................................................................................24
• Changed Layout Diagram figure.......................................................................................................................28
• Added Device Nomenclature section................................................................................................................29
Changes from Revision O (January 2015) to Revision P (February 2022)
Page
• Changed Applications section............................................................................................................................ 1
• Changed Application Information section......................................................................................................... 20
• Changed Typical Application section to follow current standards.....................................................................23
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com