Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2985-33DBVR Datasheet HTML 3Page - Texas Instruments LP2985-33DBVR Datasheet HTML 4Page - Texas Instruments LP2985-33DBVR Datasheet HTML 5Page - Texas Instruments LP2985-33DBVR Datasheet HTML 6Page - Texas Instruments LP2985-33DBVR Datasheet HTML 7Page - Texas Instruments LP2985-33DBVR Datasheet HTML 8Page - Texas Instruments LP2985-33DBVR Datasheet HTML 9Page - Texas Instruments LP2985-33DBVR Datasheet HTML 10Page - Texas Instruments LP2985-33DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
6.5 Electrical Characteristics (continued)
specified at TJ = 25°C, VIN = VOUT(nom) + 1.0 V or VIN = 2.5 V (whichever is greater), IOUT = 1 mA, VON/OFF = 2 V, CIN = 1.0
µF, and COUT = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
IGND
GND pin current
IOUT = 0 mA
Legacy chip
65
95
uA
New chip
69
95
IOUT = 0 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
125
New chip
120
IOUT = 1 mA
Legacy chip
75
110
New chip
78
105
IOUT = 1 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
170
New chip
130
IOUT = 10 mA
Legacy chip
120
220
New chip
175
200
IOUT = 1 0mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
400
New chip
240
IOUT = 50 mA
Legacy chip
350
600
New chip
380
410
IOUT = 50 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
900
New chip
590
IOUT = 150 mA
Legacy chip
850 1200
New chip
765
890
IOUT = 150 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
2000
New chip
1060
VON/OFF < 0.3 V, VIN = 16 V
Legacy chip
0.01
0.08
New chip
1.25
1.75
VON/OFF < 0.15 V, VIN = 16 V, –40°C ≤ TJ ≤ 85°C
Legacy chip
0
1
New chip
1.12
2.25
VON/OFF < 0.15 V, VIN = 16 V, –40°C ≤ TJ ≤ 125°C
Legacy chip
0.01
2
New chip
1.12
2.75
VUVLO+
Rising bias supply UVLO
VIN rising, –40°C ≤ TJ ≤ 125°C
New chip
2.2
2.4
V
VUVLO-
Falling bias supply UVLO
VIN falling, –40°C ≤ TJ ≤ 125°C
1.9
V
VUVLO(HYST) UVLO hysteresis
–40°C ≤ TJ ≤ 125°C
0.130
V
VON/OFF
ON/OFF input voltage
Low = O/P OFF
Legacy chip
0.55
V
New chip
0.72
V
Low = O/P OFF, VOUT + 1 ≤ VIN ≤ 16 V, –40°C ≤ TJ ≤
125°C
Legacy chip
0.15
V
New chip
0.15
V
High = O/P ON
Legacy chip
1.4
V
New chip
0.85
V
High = O/P ON, VOUT + 1 ≤ VIN ≤ 16 V, –40°C ≤ TJ ≤
125°C
Legacy chip
1.6
V
New chip
1.6
V
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com