Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985-33DBVR Datasheet HTML 7Page - Texas Instruments LP2985-33DBVR Datasheet HTML 8Page - Texas Instruments LP2985-33DBVR Datasheet HTML 9Page - Texas Instruments LP2985-33DBVR Datasheet HTML 10Page - Texas Instruments LP2985-33DBVR Datasheet HTML 11Page - Texas Instruments LP2985-33DBVR Datasheet HTML 12Page - Texas Instruments LP2985-33DBVR Datasheet HTML 13Page - Texas Instruments LP2985-33DBVR Datasheet HTML 14Page - Texas Instruments LP2985-33DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
200
220
240
260
280
300
320
0
0.5
1
1.5
2
2.5
3
3.5
Output Voltage − (V)
VO = 3.3 V
Figure 6-13. Short-Circuit Current vs Output Voltage for Legacy
Chip
VOUT (V)
0
0.5
1
1.5
2
2.5
3
3.5
200
220
240
260
280
300
320
340
360
380
VI = 4.3 V
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-14. Short-Circuit Current vs Output Voltage for New
Chip
Temperature (
C)
-55
-25
5
35
65
95
125
150
348
349
350
351
352
VI = 4.3 V
CO = 4.7uF
Figure 6-15. Short-Circuit Current vs Temperature for New Chip
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
20
40
60
80
100
120
140
Load Current − mA
160
VO = 3.3 V
Cbyp = 10 nF
Figure 6-16. Ground Pin Current vs Load Current for Legacy
Chip
IOUT
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
VI = 4.3 V
VO = 3.3 V
CO = 4.7uF
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-17. Ground Pin Current vs Load Current for New Chip
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 10 mF
Cbyp = 0 nF
50 mA
150 mA
1 mA
Figure 6-18. Ripple Rejection vs Frequency for Legacy Chip
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com