Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVR
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-33DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP2985-33DBVR Datasheet HTML 19Page - Texas Instruments LP2985-33DBVR Datasheet HTML 20Page - Texas Instruments LP2985-33DBVR Datasheet HTML 21Page - Texas Instruments LP2985-33DBVR Datasheet HTML 22Page - Texas Instruments LP2985-33DBVR Datasheet HTML 23Page - Texas Instruments LP2985-33DBVR Datasheet HTML 24Page - Texas Instruments LP2985-33DBVR Datasheet HTML 25Page - Texas Instruments LP2985-33DBVR Datasheet HTML 26Page - Texas Instruments LP2985-33DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
8.2 Typical Application
Figure 8-2 shows the standard usage of the LP2985 as a low-dropout regulator.
VOUT
2.2 µF
10 nF
1 µF
VIN
1
ON/OFF
2
GND
3
5
4
BYPASS
LP2985
Figure 8-2. LP2985 Typical Application
8.2.1 Design Requirements
Minimum COUT value for stability (can be increased without limit for improved stability and transient response)
ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used.
Optional BYPASS capacitor for low-noise operation.
8.2.2 Detailed Design Procedure
8.2.2.1 ON/OFF Operation
The LP2985 allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (≤ 0.4 V) turns the device
OFF; conversely, a HIGH (≥ 1.2 V) turns the device ON. If the shutdown feature is not used, connect ON/OFF to
the input to ensure that the regulator is on at all times. For proper operation, do not leave ON/OFF unconnected.
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com