Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP505-1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9LP505-1 Datasheet HTML 1Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 2Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 3Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 4Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 5Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1112F—02/27/09
ICS9LP505-1
64-pin CK505 for Desktop Systems
IDT® 64-pin CK505 for Desktop Systems
4
Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
SRCT11/CR#_H
I/O
SRC11 true or Clock Request control H for SRC10 pair
The power-up default is SRC11, but this pin may also be used as a Clock Request control of
SRC10 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC11 output pair
must first be disabled in byte 3, bit 6 of SMBus configuration space After the SRC11 output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC10 pair using
byte 6, bit 4 of SMBus configuration space
Byte 6, bit 4
0 = SRC11 enabled (default)
1= CR#_H controls SRC10.
34
SRCT10
OUT
True clock of differential SRC clock pair.
35
SRCC10
OUT
Cpmplement clock of differential SRC clock pair.
36
VDDSRC_IO
PWR
Power supply for SRC clocks. 0.8V nominal from source/emitter of external pass transistor
37
CPU_STOP#/SRCC5
I/O
Stops all CPU Clocks, except those set to be free running clocks /
Complement clock of differential SRC pair. The function of this pin is set up by the power-up
strap on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function
as follows:
0= CPU_STOP#
1 = SRC5
In AMT mode 3 bits are shifted in from the ICH to set the FSC, FSB, FSA values
38
PCI_STOP#/SRCT5
I/O
Stops all PCI Clocks, except those set to be free running clocks /
Complement clock of differential SRC pair. The function of this pin is set up by the power-up
strap on pin 6, PCI4/SRC5_EN. The logic value sampled on pin 6 at power-up sets the function
as follows:
0= PCI_STOP#
1 = SRC5#
In AMT mode, this pin is a clock input which times the FSC, FSB, FSA bits shifted in on pin 37.
39
VDDSRC
PWR
VDD pin for SRC Pre-drivers, 3.3V nominal
40
SRCC6
OUT
Complement clock of low power differential SRC clock pair.
41
SRCT6
OUT
True clock of low power differential SRC clock pair.
42
GNDSRC
PWR
Ground for SRC clocks
43
SRCC7/CR#_E
I/O
SRC7 complement or Clock Request control E for SRC6 pair
The power-up default is SRC7#, but this pin may also be used as a Clock Request control of
SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair
must first be disabled in byte 3, bit 3 of SMBus configuration space . After the SRC output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC6 pair using
byte 6, bit 7 of SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CR#_E controls SRC6.
44
SRCT7/CR#_F
I/O
SRC7 true or Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request control of
SRC8 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair
must first be disabled in byte 3, bit 3 of SMBus configuration space After the SRC output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC8 pair using
byte 6, bit 6 of SMBus configuration space
Byte 6, bit 6
0 = SRC7# enabled (default)
1 = CR#_F controls SRC8.
45
VDDSRC_IO
PWR
Power supply for SRC clocks. 0.8V nominal from source/emitter of external pass transistor
46
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair.
The function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on
powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
47
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of
this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The
function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
48
VOUT
PWR
OP Amp comparator output. This pin drives the base/gate of the external pass transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com