Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP505-1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9LP505-1 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 9Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 10Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 11Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 12Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 13Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 14Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 15Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
1112F—02/27/09
ICS9LP505-1
64-pin CK505 for Desktop Systems
IDT® 64-pin CK505 for Desktop Systems
12
Table 3: IO_Vout select table
B9b2
B9b1
B9b0
IO_Vout
0
0
0
0.3V
0
0
1
0.4V
0
1
0
0.5V
0
1
1
0.6V
1
0
0
0.7V
1
0
1
0.8V
1
1
0
0.9V
1
1
1
1.0V
Table 4: Device ID table
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
1
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
B8b7
B8b6
64 pin TSSOP
B8b5
B8b4
Comment
56 pin TSSOP
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com