Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP505-1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9LP505-1 Datasheet HTML 5Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 9Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 10Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 11Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 12Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1112F—02/27/09
ICS9LP505-1
64-pin CK505 for Desktop Systems
IDT® 64-pin CK505 for Desktop Systems
9
AC Electrical Characteristics - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Rising Edge Slew Rate
t
SLR
Averaging on
2.5
8
V/ns
2, 3
Falling Edge Slew Rate
t
FLR
Averaging on
2.5
8
V/ns
2, 3
Slew Rate Variation
t
SLVAR
Averaging on
20
%
1, 10
Differential Voltage Swing
V
SWING
Averaging off
300
mV
2
Crossing Point Voltage
V
XABS
Averaging off
300
550
mV
1,4,5
Crossing Point Variation
V
XABSVAR
Averaging off
140
mV
1,4,9
Maximum Output Voltage
V
HIGH
Averaging off
1150
mV
1,7
Minimum Output Voltage
V
LOW
Averaging off
-300
mV
1,8
Duty Cycle
D
CYC
Averaging on
45
55
%
2
CPU Skew
CPU
SKEW
Averaging on
100
ps
SRC Skew
SRC
SKEW
Averaging on
3000
ps
6
1Measurement taken for single ended waveform on a component test board (not in system)
2 Measurement taken from differential waveform on a component test board. (not in system)
3 Slew rate emastured through V_swing voltage range centered about differential zero
4 Vcross is defined at the voltage where Clock = Clock#, measured on a component test board (not in system)
9 The total variation of all Vcross measurements in any particular system. Note this is a subset of V_cross min/mas (V_Cross absolute) allowed. The intent is to limit Vcross induced modulation by setting
C_cross_delta to be smaller than V_Cross absolute.
5 Only applies to the differential rising edge (Clock rising, Clock# falling)
NOTES on DIF Output AC Specs: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
6 Total distributed intentional SRC to SRC skew. PCIE Gen2 outputs (SRC3, 4, 6 and 7) will have 0 nominal skew. Maximum allowable interpair skew is 150 ps.
7 The max voltage including overshoot.
8 The min voltage including undershoot.
10 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point where Clock rising meets Clock# falling. The
median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations.
Clock Jitter Specs - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
CPU Jitter - Cycle to Cycle
CPUJ
C2C
Differential Measurement
85
ps
1
SRC Jitter - Cycle to Cycle
SRCJ
C2C
Differential Measurement
125
ps
1,2
DOT Jitter - Cycle to Cycle
DOTJ
C2C
Differential Measurement
250
ps
1
NOTES on DIF Output Jitter: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
1JItter specs are specified as measured on a clock characterization board. System designers need to take special care not to use these numbers, as the in-system performance will be somewhat degraded.
The receiver EMTS (chispet or CPU) will have the receiver jitter specs as measured ina real system.
2 Phase jitter requirement: The deisgnated Ge2 outputs will meet the reference clock jitter requiremernts from the PCI Express Gen2 Base Spec. The test is performed on a componnet test board under quiet
condittions with all outputs on. Jitter analysis is performed using the standardized tool provided by the PCI SIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com