Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP505-1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9LP505-1 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 9Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 10Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 11Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 12Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 13Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
1112F—02/27/09
ICS9LP505-1
64-pin CK505 for Desktop Systems
IDT® 64-pin CK505 for Desktop Systems
10
Intentional PCI Clock to Clock Delay
200 ps nominal steps
PCI0
PCI1
PCI2
PCI3
PCI4
PCI_F5
1.0ns
Electrical Characteristics - PCICLK/PCICLK_F
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
33.33MHz output no spread
29.99700
30.00300
ns
2
33.33MHz output spread
30.08421
30.23459
ns
2
33.33MHz output no spread
29.49700
30.50300
ns
2
33.33MHz output nominal/spread
29.56617
30.58421
ns
2
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Pin to Pin Skew
t
skew
V
T = 1.5 V
250
ps
2
Intential PCI to PCI delay
t
skew
V
T = 1.5 V
100
200
ps
2
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
500
ps
2
Clock period
T
period
T
abs
Absolute min/max period
Electrical Characteristics - USB48MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
2,4
Clock period
T
period
48.00MHz output nominal
20.83125
20.83542
ns
2,3
Absolute min/max period
T
abs
48.00MHz output nominal
20.48125
21.18542
ns
2
CLK High Time
T
HIGH
8.216563
11.15198
V
CLK Low time
T
LOW
7.816563
10.95198
V
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
2
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
2
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
350
ps
2
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
2, 4
Clock period
T
period
14.318MHz output nominal
69.82033
69.86224
ns
2, 3
Absolute min/max period
T
abs
14.318MHz output nominal
69.83400
70.84800
ns
2
CLK High Time
T
HIGH
29.97543
38.46654
V
CLK Low time
T
LOW
29.57543
38.26654
V
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
1000
ps
2
1Edge rate in system is measured from 0.8V to 2.0V.
2 Duty cycle, Peroid and Jitter are measured with respect to 1.5V
3 The average period over any 1us period of time
4 Using frequency counter with the measurment interval equal or greater that 0.15s, target frequencies are 14.318180 MHz, 33.333333MHz and 48.000000MHz
NOTES on SE outputs: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com