Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LP505-1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LP505-1
Description  64-pin CK505 for Desktop Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LP505-1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LP505-1 Datasheet HTML 1Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 2Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 3Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 4Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 5Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 6Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 7Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 8Page - Renesas Technology Corp ICS9LP505-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ICS9LP505-1
IDT® 64-pin CK505 for Desktop Systems
1112F—02/27/09
DATASHEET
64-pin CK505 for Desktop Systems
1
Recommended Application:
CK505 clock, 64-pin Intel Yellow Cover part
Output Features:
•
2 - CPU differential low power push-pull pairs
•
10 - SRC differential low power push-pull pairs
•
1 - CPU/SRC selectable differential low power push-pull
pair
•
1 - SRC/DOT selectable differential low power push-pull
pair
•
5 - PCI, 33MHz
•
1 - PCI_F, 33MHz free running
•
1 - USB, 48MHz
•
1 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 100ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
•
Supports spread spectrum modulation, default is 0.5% down
spread
•
Uses external 14.318MHz crystal, external crystal load caps are
required for frequency tuning
•
Selectable SRC differential push-pull pair/two single-ended
outputs
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
1
1
1
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.318
48.00
96.00
Table 1: CPU Frequency Select Table
PCI0/CR#_A 1
64 SCLK
VDDPCI 2
63 SDATA
PCI1/CR#_B 3
62 REF0/FSLC/TEST_SEL
PCI2/TME 4
61 VDDREF
PCI3 5
60 X1
PCI4/SRC5_EN 6
59 X2
PCI_F5/ITP_EN 7
58 GNDREF
GNDPCI 8
57 FSLB/TEST_MODE
VDD48 9
56 CK_PWRGD/PD#
USB_48MHz/FSLA 10
55 VDDCPU
GND48 11
54 CPUT0
VDD96_IO 12
53 CPUC0
DOTT_96/SRCT0 13
52 GNDCPU
DOTC_96/SRCC0 14
51 CPUT1_F
GND 15
50 CPUC1_F
VDD 16
49 VDDCPU_IO
SRCT1/SE1 17
48 VOUT
SRCC1/SE2 18
47 CPUT2_ITP/SRCT8
GND 19
46 CPUC2_ITP/SRCC8
VDDPLL3_IO 20
45 VDDSRC_IO
SRCT2/SATAT 21
44 SRCT7/CR#_F
SRCC2/SATAC 22
43 SRCC7/CR#_E
GNDSRC 23
42 GNDSRC
SRCT3/CR#_C 24
41 SRCT6
SRCC3/CR#_D 25
40 SRCC6
VDDSRC_IO 26
39 VDDSRC
SRCT4 27
38 PCI_STOP#/SRCT5
SRCC4 28
37 CPU_STOP#/SRCC5
GNDSRC 29
36 VDDSRC_IO
SRCT9 30
35 SRCC10
SRCC9 31
34 SRCT10
SRCC11/CR#_G 32
33 SRCT11/CR#_H
64-TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
Pin Configuration


Similar Part No. - ICS9LP505-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
More results

Similar Description - ICS9LP505-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
56-pin CK505 for Intel Desktop Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
9LP505-2HGLF IDT-9LP505-2HGLF Datasheet
61Kb / 1P
56-pin CK505 for Desktop P4??Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
56-pin CK505 for Intel Desktop Systems
2019
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com