| Electronic Components Datasheet Search |
|
MPC821 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 242 page ![]() OPERATING INSTRUCTIONS MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 3 - OPERATING INSTRUCTIONS 3•1 INTRODUCTION This chapter provides necessary information to use the MPC8XXFADS in host-controlled and stand- alone configurations. This includes controls and indicators, memory map details, and software initialization of the board. 3•2 CONTROLS AND INDICATORS The MPC8XXFADS has the following switches and indicators. 3•2•1 ABORT Switch SW1 The ABORT switch is normally used to abort program execution, this by issuing a level 0 interrupt to the MPC. If the FADS is in stand alone mode, it is the responsibility of the user to provide means of handling the interrupt, since there is no resident debugger with the MPC8XXFADS. The ABORT switch signal is debounced, and can not be disabled by software. 3•2•2 SOFT RESET Switch SW2 The SOFT RESET switch SW2 performs Soft reset to the MPC internal modules, maintaining MPC’s configuration (clocks & chip-selects) Dram and SDram contents. The switch signal is debounced, and it is not possible to disable it by software. At the end of the Soft Reset Sequence, the Soft Reset Configuration is sampled and becomes valid. 3•2•3 HARD RESET - Switches SW1 & SW2 When BOTH switches - SW1 and SW2 are depressed simultaneously, HARD reset is generated to the MPC. When the MPC is HARD reset, all its configuration is lost, including data stored in the DRAM or SDRAM and the MPC has to be re-initialized. At the end of the Hard Reset sequence, the Hard Reset Configuration stored in BCSR0 becomes valid. 3•2•4 DS1 - Software Options Switch DS1 is a 4-switches Dip-Switch. This switch is connected over EXTOLI(0:3) lines which are available at BCSR, S/W options may be manually selected, according to DS1 state. FIGURE 3-1 DS1 - Description 3•2•5 GND Bridges There are 3 GND bridges on the MPC8XXFADS. They are meant to assist general measurements DS1 1 2 3 4 EXTOLI0 Driven to ’0’ EXTOLI1 Driven to ’0’ EXTOLI2 Driven to ’0’ EXTOLI3 Driven to ’0’ EXTOLI0 Pulled to ’1’ EXTOLI1 Pulled to ’1’ EXTOLI2 Pulled to ’1’ EXTOLI3 Pulled to ’1’ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |