Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC821 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 19Page - NXP Semiconductors MPC821 Datasheet HTML 20Page - NXP Semiconductors MPC821 Datasheet HTML 21Page - NXP Semiconductors MPC821 Datasheet HTML 22Page - NXP Semiconductors MPC821 Datasheet HTML 23Page - NXP Semiconductors MPC821 Datasheet HTML 24Page - NXP Semiconductors MPC821 Datasheet HTML 25Page - NXP Semiconductors MPC821 Datasheet HTML 26Page - NXP Semiconductors MPC821 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
TABLE 3-4. UPMA Initializations for 60nsec DRAMs @ 50MHz
Cycle Type
Single Read
Burst Read
Single Write
Burst Write
Refresh
Exception
Offset in UPM
0
8
18
20
30
3C
Contents
@ Offset +
0
8FFFEC24
8FFFEC24
8FAFCC24
8FAFCC24
C0FFCC84
33FFCC07
1
0FFFEC04
0FFFEC04
0FAFCC04
0FAFCC04
00FFCC04
X
2
0CFFEC04
08FFEC04
0CAFCC00
0CAFCC00
07FFCC04
X
3
00FFEC04
00FFEC0C
11BFCC47
03AFCC4C
3FFFCC06
X
4
00FFEC00
03FFEC00
X
0CAFCC00
FFFFCC85
5
37FFEC47
00FFEC44
X
03AFCC4C
FFFFCC05
6
X
00FFCC08
X
0CAFCC00
X
7
X
0CFFCC44
X
03AFCC4C
X
8
00FFEC0C
0CAFCC00
X
9
03FFEC00
33BFCC4F
X
A
00FFEC44
XX
B
00FFCC00
XX
C
3FFFC847
X
D
X
X
E
X
X
F
X
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com