| Electronic Components Datasheet Search |
|
MPC821 Datasheet(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Datasheet(HTML) 95 Page - NXP Semiconductors |
|
95 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE "* Control register bits description: "* "* DebugEntry~: (Bit 0). When this bit is active (L), the MPC8XX will enter debug "* mode immediately after reset, i.e., DSCK will be held high "* after the rising edge of SRESET*. When negated, DSCK will be "* held low after the rising edge of SRESET so the MPC8XX will start "* running instantly. "* DiagLoopBack~: (Bit 1). When active (L), the interface is in Diagnostic "* Loopback mode. I.e., the source for the Rx shift register is "* the output of the Tx shift register. During that mode, DSCK "* and DSDI are tri-stated, so no arbitrary data is sent to the "* debug port. When inactive, the interface is in normal mode, "* i.e., DSCK and DSDI are driven and the source of the Rx shift "* register is DSDO. "* StatusRequest~: (Bit 2). When active (L) any write to the control register "* will be followed by a status read cycle initiated by the "* debug port controller, i.e., AdsReq will be asserted after "* the write cycle ends. When inactive, a write to the control "* register will not be followed by a read from status register. "* DbgClkDivSel(1:0) : (Bits 4,3). This field selects the division of the "* DbgClk input. Division factors are set as follows: "* 0 - by 1 "* 1 - by 2 "* 2 - by 4 "* 3 - by 8 "* "* Important!!! All bits wake up active (L) after reset. "* "****************************************************************************** equations AdiCtrlReg.clk = IClk; AdiCtrlReg.ar = Reset;"All active low. when ( HOST_WRITE_ADI_CONTROL & BndTmrExp.fb) then AdiCtrlReg.d = [PD4.pin, PD3.pin, PD2.pin, PD1.pin, PD0.pin]; else AdiCtrlReg.d = AdiCtrlReg.fb; "****************************************************************************** "* ADI Data Bus. "* The Adi data bus is driven towards the host when the host reads the i/f. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |