Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC821 Datasheet(PDF) 216 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 216 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors MPC821 Datasheet HTML 215Page - NXP Semiconductors MPC821 Datasheet HTML 216Page - NXP Semiconductors MPC821 Datasheet HTML 217Page - NXP Semiconductors MPC821 Datasheet HTML 218Page - NXP Semiconductors MPC821 Datasheet HTML 219Page - NXP Semiconductors MPC821 Datasheet HTML 220Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 242 page
background image
Support Information
40
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
102
RS_EN2~
O, L
RS232 port 1 Enable. Connected to BCSR1. See
TABLE 4-10.
“BCSR1 Description” on page 49. In the motherboard
documentation.
103
SHIFT_C
I/O, X
MPC821’s or MPC823’s PD3/SHIFT/CLK or MPC860s’ PD3/
RRJECT4~. Not used on the FADS. Appears also at P8. On
MPC823 or MPC821 daughter boards appears also at a
dedicated LCD connector. On MPC823 daughter board used as
Video Clock input.
104
GND
105
106
HSYNC
I/O, X
MPC821’s or MPC823’s PD4/LOAD/HSYNC or MPC860s’ PD4/
RRJECT3~. Not used on the FADS. Appears also at P8. On
MPC823 or MPC821 daughter boards appears also at a
dedicated LCD connector. On MPC823 daughter board used as
HSYNC for the video encoder.
107
VSYNC
I/O, X
MPC821’s or MPC823’s PD5/FRAME/VSYNC or MPC860s’ PD5/
RRJECT2~. Not used on the FADS. Appears also at P8. On
MPC823 or MPC821 daughter boards appears also at a
dedicated LCD connector. On MPC823 daughter board used as
FIELD signal for the video encoder.
108
GND
109
110
LOE
I/O, X
MPC821’s or MPC823’s PD6/LCD_AC/LOE or MPC860s’ PD6/
RTS4~. Not used on the FADS. Appears also at P8. On MPC823
or MPC821 daughter boards appears also at a dedicated LCD
connector. On the MPC823 daughter board used also as
BLANK~ signal for the video encoder.
111
FETHRST~
O, L
Fast Ethernet Reset. When this pin active (LOW) signal is being
asserted the Fast ethernet tranceiver is being reset.
112
FETHCFG1
O, H
Fast Ethernet CFG1 signal When the LXT970 is in auto
negotiation this pin determines operating speed advertisement
capability in combination with MF4. see See the LXT970
documentation.
When auto negotiation is disabled this input enables 10Mbps link
test function and directly affects bit 19.8.
When this pin is high, 10Mbps link test is disabled 19.8 = 1.
When this pin is low, 10Mbps link test is enabled 19.8 = 0.
113
LD0
I/O, X
MPC821’s or MPC823’s PD7/LD0 or MPC860s’ PD7/RTS3~. Not
used on the FADS. Appears also at P8. On MPC823 or MPC821
daughter boards appears also at a dedicated LCD connector. On
MPC823 daughter board used as video data 7.
114
LD1
MPC821’s or MPC PD8/LD1 or MPC860s’ PD8/TXD4. Not used
on the FADS. Appears also at P8. On MPC823 or MPC821
daughter boards appears also at a dedicated LCD connector. On
MPC823 daughter board used as video data 6.
TABLE 5-11. PM3 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com