Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347E Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
74
Freescale Semiconductor
PCI1_PAR
D13
I/O
OVDD
PCI1_FRAME
B14
I/O
OVDD
5
PCI1_TRDY
A13
I/O
OVDD
5
PCI1_IRDY
E13
I/O
OVDD
5
PCI1_STOP
C13
I/O
OVDD
5
PCI1_DEVSEL
B13
I/O
OVDD
5
PCI1_IDSEL
C17
I
OVDD
PCI1_SERR
C12
I/O
OVDD
5
PCI1_PERR
B12
I/O
OVDD
5
PCI1_REQ[0]
A21
I/O
OVDD
PCI1_REQ[1]/
CPCI1_HS_ES
C19
I
OVDD
PCI1_REQ[2:4]
C18, A19, E20
I
OVDD
PCI1_GNT0B20
I/O
OVDD
PCI1_GNT1/
CPCI1_HS_LED
C20
O
OVDD
PCI1_GNT2/
CPCI1_HS_ENUM
B19
O
OVDD
PCI1_GNT[3:4]
A20, E18
O
OVDD
M66EN
L26
I
OVDD
DDR SDRAM Memory Interface
MDQ[0:63]
AC25, AD27, AD25, AH27, AE28, AD26,
AD24, AF27, AF25, AF28, AH24, AG26,
AE25, AG25, AH26, AH25, AG22, AH22,
AE21, AD19, AE22, AF23, AE19, AG20,
AG19, AD17, AE16, AF16, AF18, AG18,
AH17, AH16, AG9, AD12, AG7, AE8, AD11,
AH9, AH8, AF6, AF8, AE6, AF1, AE4, AG8,
AH3, AG3, AG4, AH2, AD7, AB4, AB3, AG1,
AD5, AC2, AC1, AC4, AA3, Y4, AA4, AB1,
AB2, Y5, Y3
I/O
GVDD
MECC[0:4]/MSRCID[0:4]
AG13, AE14, AH12, AH10, AE15
I/O
GVDD
MECC[5]/MDVAL
AH14
I/O
GVDD
MECC[6:7]
AE13, AH11
I/O
GVDD
MDM[0:8]
AG28, AG24, AF20, AG17, AE9, AH5, AD1,
AA2, AG12
OGVDD
Table 55. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com