Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347E Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MPC8347EA MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
14
Freescale Semiconductor
RESET Initialization
5
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8347EA.
5.1
RESET DC Electrical Characteristics
Table 8 provides the DC electrical characteristics for the RESET pins of the MPC8347EA.
5.2
RESET AC Electrical Characteristics
Table 9 provides the reset initialization AC timing specifications of the MPC8347EA.
Table 8. RESET Pins DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
2.0
OVDD+0.3
V
Input low voltage
VIL
-0.3
0.8
V
Input current
IIN
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Notes:
1. This table applies for pins PORESET, HRESET, SRESET and QUIESCE.
2. HRESET and SRESET are open drain pins, thus VOH is not relevant for those pins.
Table 9. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET or SRESET (input) to
activate reset flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied
to CLKIN when the MPC8347EA is in PCI host mode
32
—
tCLKIN
2
Required assertion time of PORESET with stable clock applied
to PCI_SYNC_IN when the MPC8347EA is in PCI agent mode
32
—
tPCI_SYNC_IN
1
HRESET/SRESET assertion (output)
512
—
tPCI_SYNC_IN
1
HRESET negation to SRESET negation (output)
16
—
tPCI_SYNC_IN
1
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with
respect to negation of PORESET when the MPC8347EA is in
PCI host mode
4—
tCLKIN
2
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with
respect to negation of PORESET when the MPC8347EA is in
PCI agent mode
4—
tPCI_SYNC_IN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com