Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347E Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
78
Freescale Semiconductor
MPH0_D5_DM/
DR_D13_SESS_END
C23
I/O
OVDD
MPH0_D6_SER_RCV/DR_D14
B23
I/O
OVDD
MPH0_D7_DRVVBUS/
DR_D15_IDPULLUP
A23
I/O
OVDD
MPH0_NXT/
DR_RX_ACTIVE_ID
D22
I
OVDD
MPH0_DIR_DPPULLUP/
DR_RESET
C22
I/O
OVDD
MPH0_STP_SUSPEND/
DR_TX_READY
B22
I/O
OVDD
MPH0_PWRFAULT/
DR_RX_VALIDH
A22
I
OVDD
MPH0_PCTL0/
DR_LINE_STATE0
E21
I/O
OVDD
MPH0_PCTL1/
DR_LINE_STATE1
D21
I/O
OVDD
MPH0_CLK/DR_RX_VALID
C21
I
OVDD
Programmable Interrupt Controller
MCP_OUT
E8
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
J28
I/O
OVDD
IRQ[1:5]/GPIO2[13:17]
K25, J25, H26, L24, G27
I/O
OVDD
IRQ[6]/GPIO2[18]/
CKSTOP_OUT
G28
I/O
OVDD
IRQ[7]/GPIO2[19]/
CKSTOP_IN
J26
I/O
OVDD
Ethernet Management Interface
EC_MDC
Y24
O
LVDD1
EC_MDIO
Y25
I/O
LVDD1
2
Gigabit Reference Clock
EC_GTX_CLK125
Y26
I
LVDD1
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_COL/GPIO2[20]
M26
I/O
OVDD
TSEC1_CRS/GPIO2[21]
U25
I/O
LVDD1
TSEC1_GTX_CLK
V24
O
LVDD1
3
Table 55. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com