Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347E Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
12
Freescale Semiconductor
Power Characteristics
Table 5 shows the estimated typical I/O power dissipation for MPC8347EA.
Table 5. MPC8347EA Typical I/O Power Dissipation
Interface
Parameter
DDR2
GVDD
(1.8 V)
DDR1
GVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
Unit
Comments
DDR I/O
65% utilization
2.5 V
Rs = 20
Ω
Rt = 50
Ω
2 pair of clocks
200 MHz, 32 bits
0.31
0.42
—
—
—
W
—
200 MHz, 64 bits
0.42
0.55
—
—
—
W
—
266 MHz, 32 bits
0.35
0.5
—
—
—
W
—
266 MHz, 64 bits
0.47
0.66
—
—
—
W
—
300 MHz 1, 32 bits
1
TBGA package only.
0.37
0.54
—
—
—
W
—
300 MHz1, 64 bits
0.50
0.7
—
—
—
W
—
333 MHz1, 32 bits
0.39
0.58
—
—
—
W
—
333 MHz1, 64 bits
0.53
0.76
—
—
—
W
—
400MHz1, 32b
0.44
—
———
—
400MHz1, 64b
0.59
—
———
—
PCI I/O load = 30 pf
33 MHz, 32 bits
—
—
0.04
—
—
W
—
66 MHz, 32 bits
—
—
0.07
—
—
W
—
Local Bus I/O
Load = 25 pf
167 Mhz, 32 bits
—
—
0.34
—
—
W
—
133 MHz, 32 bits
—
—
0.27
—
—
W
—
83 MHz, 32 bits
—
—
0.17
—
—
W
—
66 MHz, 32 bits
—
—
0.14
—
—
W
—
50 Mhz, 32 bits
—
—
0.11
—
—
W
—
TSEC I/O
Load = 25 pf
MII
—
—
—
0.01
—
W
Multiply by
number of
interfaces used.
GMII or TBI
—
—
—
0.06
—
W
RGMII or RTBI
——
——
0.04
W
USB
12 MHz
—
—
0.01
—
—
W
Multiply by 2 if
using 2 ports.
480 MHz
—
—
0.2
—
—
W
Other I/O
—
—
0.01
—
—
W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com