Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 31Page - NXP Semiconductors MMPF0100Z Datasheet HTML 32Page - NXP Semiconductors MMPF0100Z Datasheet HTML 33Page - NXP Semiconductors MMPF0100Z Datasheet HTML 34Page - NXP Semiconductors MMPF0100Z Datasheet HTML 35Page - NXP Semiconductors MMPF0100Z Datasheet HTML 36Page - NXP Semiconductors MMPF0100Z Datasheet HTML 37Page - NXP Semiconductors MMPF0100Z Datasheet HTML 38Page - NXP Semiconductors MMPF0100Z Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
NXP Semiconductors
35
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
The regulators have a strong sourcing capability and sinking capability in PWM mode, therefore the fastest rising and falling slopes are
determined by the regulator in PWM mode. However, if the regulators are programmed in PFM or APS mode during a DVS transition, the
falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced, controlled DVS transitions in
PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode operation.
The following diagram shows the general behavior for the regulators when initiated with I2C programming, or standby control. During the
DVS period the overcurrent condition on the regulator should be masked.
Figure 10. Voltage stepping with DVS
6.4.4.2.2
Regulator phase clock
The SWxPHASE[1:0] bits select the phase of the regulator clock as shown in Table 35. By default, each regulator is initialized at 90 ° out
of phase with respect to each other. For example, SW1x is set to 0 °, SW2 is set to 90 °, SW3A/B is set to 180 °, and SW4 is set to 270 °
by default at power up.
The SWxFREQ[1:0] register is used to set the desired switching frequency for each one of the buck regulators. Table 37 shows the
selectable options for SWxFREQ[1:0]. For each frequency, all phases will be available, this allows regulators operating at different
frequencies to have different relative switching phases. However, not all combinations are practical. For example, 2.0 MHz, 90 ° and
4.0 MHz, 180 ° are the same in terms of phasing. Table 36 shows the optimum phasing when using more than one switching frequency.
Table 34. DVS Speed Selection for SW2, SW3A/B, and SW4
SWxDVSSPEED[1:0]
Function
SWx[6] = 0 or SWxSTBY[6] = 0
Function
SWx[6] = 1 or SWxSTBY[6] = 1
00
25 mV step each 2.0
s
50 mV step each 4.0
s
01 (default)
25 mV step each 4.0
s
50 mV step each 8.0
s
10
25 mV step each 8.0
s
50 mV step each 16
s
11
25 mV step each 16
s
50 mV step each 32
s
Table 35. Regulator phase clock selection
SWxPHASE[1:0]
Phase of clock sent to regulator
(degrees)
00
0
01
90
10
180
11
270
Actual
Output Voltage
Example
Actual Output
Voltage
Possible
Output Voltage
Window
Internally
Controlled Steps
Output Voltage
with light Load
Initial
Set Point
Voltage
Change
Request
Internally
Controlled Steps
Output
Voltage
Requested
Set Point
Initiated by I2C Programming, Standby Control
Request for
Higher Voltage
Request for
Lower Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com