Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 51Page - NXP Semiconductors MMPF0100Z Datasheet HTML 52Page - NXP Semiconductors MMPF0100Z Datasheet HTML 53Page - NXP Semiconductors MMPF0100Z Datasheet HTML 54Page - NXP Semiconductors MMPF0100Z Datasheet HTML 55Page - NXP Semiconductors MMPF0100Z Datasheet HTML 56Page - NXP Semiconductors MMPF0100Z Datasheet HTML 57Page - NXP Semiconductors MMPF0100Z Datasheet HTML 58Page - NXP Semiconductors MMPF0100Z Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
NXP Semiconductors
55
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 16. SW2 efficiency waveforms
Switch mode supply SW2 (continued)
ISW2Q
Quiescent current
PFM mode
APS mode (low output voltage settings)
APS mode (high output voltage settings)
–
–
–
23
145
305
–
–
–
µA
RONSW2P
SW2 P-MOSFET RDS(on)
at VIN = VINSW2 = 3.3 V
–
190
209
m
RONSW2N
SW2 N-MOSFET RDS(on)
at VIN = VINSW2 = 3.3 V
–
212
255
m
ISW2PQ
SW2 P-MOSFET leakage current
VIN = VINSW2 = 4.5 V
––
12
µA
ISW2NQ
SW2 N-MOSFET leakage current
VIN = VINSW2 = 4.5 V
––
4.0
µA
RSW2DIS
Discharge resistance
–
600
–
W
Notes
47.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
48.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW2 - VSW2) = ISW2* (DCR of Inductor +RONSW2P + PCB trace resistance).
49.
Applies to NP/F9/FA versions
Table 62. SW2 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V,
ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values
are characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise
noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
PFM ‐ Vout = 3.15V
APS ‐ Vout = 3.15V
PWM ‐ Vout = 3.15V
Load current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com