Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 72Page - NXP Semiconductors MMPF0100Z Datasheet HTML 73Page - NXP Semiconductors MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors MMPF0100Z Datasheet HTML 75Page - NXP Semiconductors MMPF0100Z Datasheet HTML 76Page - NXP Semiconductors MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
76
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.1
Transient response waveforms
Idealized stimulus and response waveforms for transient line and transient load tests are depicted in Figure 25. Note that the transient line
and load response refers to the overshoot, or undershoot only, excluding the DC shift.
Figure 25. Transient waveforms
6.4.6.2
Short-circuit protection
All general purpose LDOs have short-circuit protection capability. The short-circuit protection (SCP) system includes debounced fault
condition detection, regulator shutdown, and processor interrupt generation, to contain failures and minimize the chance of product
damage. If a short-circuit condition is detected, the LDO is disabled by resetting its VGENxEN bit, while at the same time, an interrupt
VGENxFAULTI is generated to flag the fault to the system processor. The VGENxFAULTI interrupt is maskable through the
VGENxFAULTM mask bit.
The SCP feature is enabled by setting the REGSCPEN bit. If this bit is not set, the regulators do not automatically disable upon a short-
circuit detection. However, the current limiter continues to limit the output current of the regulator. By default, the REGSCPEN is not set;
therefore, at start-up none of the regulators are disabled if an overloaded condition occurs. A fault interrupt, VGENxFAULTI, is generated
in an overload condition regardless of the state of the REGSCPEN bit. See Table 90 for SCP behavior configuration.
Table 90. Short-circuit behavior
REGSCPEN[0]
Short-circuit behavior
0
Current limit
1
Shutdown
10 us 
10 us
 
 
VINx
Transient Line Stimulus
VINx_INITIAL
 
VINx_FINAL
 
1.0 us
 
1.0 us 
IMAX/10 
IMAX  
ILOAD
Transient Load Stimulus
Undershoot 
IL = IMAX/10 
VOUT
VOUT Transient Load Response
IL = IMAX  
Overshoot 
Undershoot 
 
VOUT
VOUT Transient Line Response
 
Overshoot 
VINx_INITIAL
VINx_FINAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com