Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors MMPF0100Z Datasheet HTML 81Page - NXP Semiconductors MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors MMPF0100Z Datasheet HTML 83Page - NXP Semiconductors MMPF0100Z Datasheet HTML 84Page - NXP Semiconductors MMPF0100Z Datasheet HTML 85Page - NXP Semiconductors MMPF0100Z Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
82
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.2
VGEN2
VGEN1LITR
Transient line response
•IGEN1 = 75 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN1[3:0] = 0000 to 1101
VIN1INITIAL = VGEN1+0.3 V to VIN1FINAL = VGEN1+0.8 V for
VGEN1[3:0] = 1110, 1111
• Refer to Figure 25
–5.0
8.0
mV
Notes
63.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 102. VGEN2 electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =3.6 V, VIN1 =3.0 V,
VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10mA and 25°C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN2
VIN1
Operating input voltage
1.75
–
3.40
V
VGEN2NOM
Nominal output voltage
–
Table 91
–V
IGEN2
Operating load current
0.0
–
250
mA
VGEN2 active mode - DC
VGEN2TOL
Output voltage tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN2 < 250 mA
VGEN2[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN2LOR
Load regulation
(VGEN2 at IGEN2 = 250 mA) - (VGEN2 at IGEN2 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
–0.05–
mV/mA
VGEN2LIR
Line regulation
(VGEN2 at VIN1 = 3.4 V) - (VGEN2 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN2 < 250 mA
–0.50–
mV/mA
IGEN2LIM
Current limit
IGEN2 when VGEN2 is forced to VGEN2NOM/2
PF0100Z
PF0100AZ
333
305
417
417
510
510
mA
IGEN2OCP
Overcurrent protection threshold
IGEN2 required to cause the SCP function to disable LDO when
REGSCPEN = 1
PF0100Z
PF0100AZ
300
290
–
–
500
500
mA
IGEN2Q
Quiescent current
No load, Change in IVIN and IVIN1
When VGEN2 enabled
–16
–
A
Table 101. VGEN1 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =3.6 V, VIN1 =3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com