Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 40Page - NXP Semiconductors MMPF0100Z Datasheet HTML 41Page - NXP Semiconductors MMPF0100Z Datasheet HTML 42Page - NXP Semiconductors MMPF0100Z Datasheet HTML 43Page - NXP Semiconductors MMPF0100Z Datasheet HTML 44Page - NXP Semiconductors MMPF0100Z Datasheet HTML 45Page - NXP Semiconductors MMPF0100Z Datasheet HTML 46Page - NXP Semiconductors MMPF0100Z Datasheet HTML 47Page - NXP Semiconductors MMPF0100Z Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
44
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.3.5
SW1A/B/C external components
Table 51. Register SW1CCONF - ADDR 0x32
Name
Bit #
R/W
Default
Description
SW1CILIM
0
R/W
0x00
SW1C current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW1CFREQ
3:2
R/W
0x00
SW1C switching frequency selector.
See Table 37.
SW1CPHASE
5:4
R/W
0x00
SW1C phase clock selection.
See Table 35.
SW1CDVSSPEED
7:6
R/W
0x00
SW1C DVS speed selection.
See Table 33.
Table 52. SW1A/B/C external component recommendations
Components
Description
Mode
A/B/C single
phase
A/B single - C
independent mode
A/B dual - C
independent mode
CINSW1A(41)
SW1A input capacitor
4.7
F4.7 F4.7 F
CIN1AHF(41)
SW1A decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW1B(41)
SW1B input capacitor
4.7
F4.7 F4.7 F
CIN1BHF(41)
SW1B decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW1C(41)
SW1C input capacitor
4.7
F4.7 F4.7 F
CIN1CHF(41)
SW1C decoupling input capacitor
0.1
F0.1 F0.1 F
COSW1AB(41)
SW1A/B output capacitor
6 x 22
F4 x 22 F4 x 22 F
COSW1C(41)
SW1C output capacitor
–
2 x 22
F2 x 22 F
LSW1A
SW1A inductor
1.0
H
DCR = 12 m
ISAT = 6.0 A
1.0
H
DCR = 12 m
ISAT = 4.5 A
1.0
H
DCR = 60 m
ISAT = 2.4 A
LSW1B
SW1B inductor
–
–
1.0
H
DCR = 60 m
ISAT = 2.4 A
LSW1C
SW1C inductor
–
1.0
H
DCR = 60 m
ISAT = 2.4 A
1.0
H
DCR = 60 m
ISAT = 2.4 A
Notes
41.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com