Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PVG Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 82V3012PVG
Description  T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3012PVG Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 82V3012PVG Datasheet HTML 6Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 7Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 8Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 9Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 10Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 11Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 12Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 13Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Functional Description
10
February 6, 2009
IDT82V3012
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
2
FUNCTIONAL DESCRIPTION
The IDT82V3012 is a T1/E1/OC3 WAN PLL with dual reference
inputs, providing timing (clock) and synchronization (framing) signals to
interface circuits for multitrunk T1/E1 and STS3/OC3 links. The details
are described in the following sections.
2.1
STATE CONTROL CIRCUIT
The State Control Circuit is an important part in the IDT82V3012. It is
used to control the TIE block and the DPLL block as shown in Figure - 2.
The control is based on the result of Invalid Input Signal Detection and
the logic levels on the MODE_sel0, MODE_sel1, IN_sel and TIE_en
pins.
The IDT82V3012 can be operated in three different modes: Normal,
Holdover and Freerun. The operating mode is selected by the
MODE_sel1 and MODE_sel0 pins, as shown in Table - 1.
Figure - 3 shows the state control diagram. All state changes occur
synchronously on the rising edge of F8o. Three operating modes,
Normal (S1), Holdover (S3) and Freerun (S0) can be switched from one
to another by changing the logic levels on the MODE_sel0 and
MODE_sel1 pins.
Figure - 2 State Control Circuit
Figure - 3 State Control Diagram
Table - 1 Operating Modes Selection
Mode Selection Pins
Operating Mode
MODE_sel1
MODE_sel0
00
Normal
0
1
Holdover
1
0
Freerun
11
Reserved
State Control Circuit
MODE_sel1 MODE_sel0
TIE_en
Output of the
Invalid Input
Signal Detection
F8o
TIE Block
Enable/Disable
DPLL Block
Mode Control
IN_sel
S1
Normal
Mode_sel1 = 0
Mode_sel0 = 0
S3
Holdover
Mode_sel1 = 0
Mode_sel0 = 1
S0
Freerun
Mode_sel1 = 1
Mode_sel0 = 0
(Invalid Input Reference Signal)
(Valid Input Reference Signal)
Aut
o T
IE D
isab
le
Aut
o T
IE D
isab
le
TIE Enable (TIE_en = H)
AutoT
IE Dis
able
AutoTIE
Disable
Au
to
TIE
Dis
ab
le
TIE
Disa
ble
(TIE
_en
= L)
AutoT
IE Dis
able
TIE E
nable
(TIE_
en =
H)
Reset *
S4
Short Time Holdover
Mode_sel1 = 0
Mode_sel0 = 0
No IN
_sel T
ransie
nt
TIE E
nable
(TIE_
en =
H)
IN_s
el Tra
nsien
t
Auto
TIE D
isable
S2
Auto - Holdover
Mode_sel1 = 0
Mode_sel0 = 0
* Note: After reset, the Mode_sel1 and Mode_sel0 should be initially set to '10' or '00'.
Auto TIE Disable
(Valid Input Reference Signal)
TIE Disable (TIE_en = L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com