Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PVG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82V3012PVG
Description  T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3012PVG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82V3012PVG Datasheet HTML 9Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 10Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 11Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 12Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 13Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 14Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 15Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 16Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Functional Description
13
February 6, 2009
IDT82V3012
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
Figure - 5 Reference Switch with TIE Control Block Enabled
Figure - 6 Reference Switch with TIE Control Block Disabled
2.7
DPLL BLOCK
As shown in Figure - 7, the DPLL Block consists of a Phase Detector,
a Limiter, a Loop Filter, a Digital Control Oscillator and Divider.
2.7.1
PHASE DETECTOR (PHD)
In the Normal mode, the Phase Detector compares the virtual
reference signal from the TIE Control Circuit with the feedback signal
from the Frequency Select Circuit, and outputs an error signal
corresponding to the phase difference. This error signal is sent to the
Limiter circuit for phase slope control.
In the Freerun or Holdover mode, the Frequency Select Circuit, the
Phase Detector and the Limiter are inactive, and the input reference
signal is not used.
2.7.2
LIMITER
The Limiter is used to limit the phase slope. It ensures that the
maximum output phase slope is limited to 5 ns per 125 µs for all input
transient conditions. This well meets the AT&T TR62411 and Telcordia
GR-1244-CORE specifications, which specify the maximum phase slope
of 7.6 ns per 125 µs and 81 ns per 1.326 ms respectively.
Input Clock
Ref1
Ref2
Time = 0.00 s
Time = 0.25 s
Time = 0.50 s
Time = 0.75 s
Time = 1.0 s
Time = 1.25 s
Time = 1.50 s
Time = 1.75 s
Output Clock
Input Clock
Ref1
Ref2
Time = 0.00 s
Time = 0.25 s
Time = 0.50 s
Time = 0.75 s
Time = 1.0 s
Time = 1.25 s
Time = 1.50 s
Time = 1.75 s
Output Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com