Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PVG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 82V3012PVG
Description  T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3012PVG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 82V3012PVG Datasheet HTML 17Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 18Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 19Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 20Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 21Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 22Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 23Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 24Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AC Electrical Characteristics
21
February 6, 2009
IDT82V3012
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
7
AC ELECTRICAL CHARACTERISTICS
7.1
PERFORMANCE
Description
Min.
Typ.
Max.
Units
Test Conditions / Notes
(see “Notes” on page 26)
Freerun Mode accuracy with OSCi at: 0 ppm
-0
+0
ppm
5-9
Freerun Mode accuracy with OSCi at: ±32 ppm
-32
+32
ppm
5-9
Freerun Mode accuracy with OSCi at: ±100 ppm
-100
+100
ppm
5-9
Holdover Mode accuracy with OSCi at: 0 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-9, 43, 44
Holdover Mode accuracy with OSCi at: ±32 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-9, 43, 44
Holdover Mode accuracy with OSCi at: ±100 ppm
-0.025
+0.025
ppm
1, 2, 4, 6-9, 43, 44
Capture range with OSCi at: 0 ppm
-230
+230
ppm
1-3, 6-9
Capture range with OSCi at: ±32 ppm
-198
+198
ppm
1-3, 6-9
Capture range with OSCi at: ±100 ppm
-130
+130
ppm
1-3, 6-9
Phase lock time
50
s
1-3, 6-15, 45
Output phase continuity with reference switch
200
ns
1-3, 6-15
Output phase continuity with mode switch to Normal
200
ns
1-2, 4-15
Output phase continuity with mode switch to Freerun
200
ns
1-4, 6-15
Output phase continuity with mode switch to Holdover
50
ns
1-3, 6-15
Fref0 Frequency accuracy when MON_out0 is logic low
-12
+12
ppm
Fref1 Frequency accuracy when MON_out1 is logic low
-12
+12
ppm
MTIE (maximum time interval error)
600
ns
1-15, 28
Output phase slope
40
µs/s
1-15, 28
Reference input for Auto-Holdover with 8 kHz
-18 k
+18 k
ppm
1-3, 6, 10-12
Reference input for Auto-Holdover with 1.544 MHz
-36 k
+36 k
ppm
1-3, 7, 10-12
Reference input for Auto-Holdover with 2.048 MHz
-36 k
+36 k
ppm
1-3, 8, 10-12
Reference input for Auto-Holdover with 19.44 MHz
-36 k
+36 k
ppm
1-3, 9, 10-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com