Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PVG Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 82V3012PVG
Description  T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3012PVG Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 82V3012PVG Datasheet HTML 10Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 11Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 12Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 13Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 14Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 15Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 16Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 17Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Functional Description
14
February 6, 2009
IDT82V3012
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
Figure - 7 DPLL Block Diagram
In the Normal mode, the Limiter receives the error signal from the
Phase Detector, limits the phase slope within 5 ns per 125 µs and sends
the limited signal to the Loop Filter.
In the Fast Lock mode, the Limiter is disabled, and the DPLL locks to
the input reference within 500 ms, which is much shorter than that in the
Normal mode.
2.7.3
LOOP FILTER
The Loop Filter ensures that the jitter transfer meets the ETS 300
011 and AT&T TR62411 requirements. It works similarly to a first order
low pass filter with 2.1 Hz cutoff frequency for the four valid input
frequencies (8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz).
The output of the Loop Filter goes to the Digital Control Oscillator
directly or through the Fraction blocks, in which E1, T1, C6 and C19
signals are generated.
2.7.4
FRACTION BLOCK
By applying some algorithms to the incoming E1 signal, the
Fraction_C19, Fraction_C6 and Fraction_T1 blocks generate C19, C6
and T1 signals respectively.
2.7.5
DIGITAL CONTROL OSCILLATOR (DCO)
In the Normal mode, the DCO receives four limited and filtered
signals from Loop Filter or Fraction blocks. Based on the values of the
received signals, the DCO generates four digital outputs: 19.44 MHz,
25.248 MHz, 32.768 MHz and 24.704 MHz for C19, C6, E1 and T1
dividers respectively.
In the Holdover mode, the DCO is running at the same frequency as
that generated by storage techniques.
In the Freerun mode, the DCO is running at the same frequency as
that of the master clock.
2.7.6
LOCK INDICATOR
If the output frequency of the DPLL is identical to the input frequency,
and the input phase offset is small enough so that no slope limiting is
exhibited, the LOCK pin will be set high.
2.7.7
OUTPUT INTERFACE
The Output Interface uses three output signals from the DCO to
generate totally 9 types of clock signals and 7 types of framing signals
All these output signals are synchronous to F8o.
C32o
C16o
C8o
C4o
C2o
C3o
C6o
F0o
F8o
RSP
TSP
F16o
C1.5o
F32o
Output Interface
T1_Divider
E1_Divider
C6_Divider
Frequency
Selection
Circuit 1
Phase
Detector
Virtual Reference
Fraction_C6
Fraction_T1
24.704 MHz
32.768 MHz
25.248 MHz
Feedback Signal
Limiter
FLOCK
F1_sel1 F1_sel0
C19_Divider
155.52 MHz
F19o
C19o
APLL
19.44 MHz
Fraction_C19
C19NEG
C19POS
IN_sel
F0_sel1 F0_sel0
Frequency
Selection
Circuit 0
C2/C1.5
Loop Filter
Fx_sel1 Fx_sel0 (x = 0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com