Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3012PVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 82V3012PVG
Description  T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3012PVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  82V3012PVG Datasheet HTML 1Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 2Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 3Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 4Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 5Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 6Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 7Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 8Page - Renesas Technology Corp 82V3012PVG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Description
2
February 6, 2009
IDT82V3012
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
DESCRIPTION
The IDT82V3012 is a T1/E1/OC3 WAN PLL with dual reference
inputs. It contains a Digital Phase-Locked Loop (DPLL), which
generates low jitter ST-BUS and 19.44 MHz clock and framing signals
that are phase locked to an 8 kHz, 1.544 MHz, 2.048 MHz or 19.44 MHz
input reference.
The IDT82V3012 provides 9 types of clock signals (C1.5o, C3o, C6o,
C2o, C4o, C8o, C16o, C19o, C32o) and 7 types of framing signals (F0o,
F8o, F16o, F19o, F32o, RSP, TSP) for multitrunk T1/E1 and STS3/OC3
links.
The IDT82V3012 is compliant with AT&T TR62411, Telcordia GR-
1244-CORE Stratum 3, Stratum 4 Enhanced and Stratum 4, ETSI ETS
300 011, ITU-T G.813 Option 1, and ITU-T G.812 Type IV clocks. It
meets the jitter/wander tolerance, jitter/wander transfer, intrinsic jitter/
wander, frequency accuracy, capture range, phase change slope,
holdover frequency accuracy and MTIE (Maximum Time Interval Error)
requirements for these specifications.
The IDT82V3012 can be used in synchronization and timing control
for T1, E1 and OC3 systems, or used as ST-BUS clock and frame pulse
source. It also can be used in access switch, access routers, ATM edge
switches, wireless base station controllers, or IADs (Integrated Access
Devices), PBXs, line cards and SONET/SDH equipments.
PIN CONFIGURATION
Figure - 1 IDT82V3012 SSOP56 Package Pin Assignment
IDT82V3012
14
15
16
17
18
19
20
21
22
23
24
RST
MON_out0
Fref1
Fref0
F19o
OSCi
F8o
C1.5o
LOCK
C2o
C4o
FLOCK
F0_sel1
F0_sel0
C3o
C8o
C16o
C32o
F0o
F16o
1
2
3
4
5
6
7
8
9
10
11
12
13
56
55
54
RSP
TSP
C6o
VDDD
TDI
TMS
TRST
TDO
TCK
IC0
HOLDOVER
FREERUN
NORMAL
TIE_en
VDDD
VSS
VSS
C19o
MODE_sel0
MODE_sel1
TCLR
IN_sel
25
26
27
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
28
29
VDDD
VSS
VDDA
VSS
F32o
VSS
VDDA
C2/C1.5
IC2
F1_sel0
F1_sel1
C19NEG
C19POS
MON_out1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com