Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 15Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 22Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Am79C901A
19
PR ELI M IN AR Y
LED_SPEED
LED_SPEED
Output
This output is designed to directly drive an LED. SPEED
low indicates that the HomePNA PHY is currently in the
high-speed mode. When operating in the 10BASE-T
mode this output will be held high.
LED_POWER
LED_POWER
Output
This output is designed to directly drive an LED.
POWER low indicates that the HomePNA PHY is cur-
rently in high-power mode. When operating in the
10BASE-T mode this output will be held high.
RESET
RESET
Input
The RESET is an active-low, asynchronous RESET
signal. This signal must be held low for a minimum of
5
µs and requires 60 µs for recovery after the rising
edge of RESET.
GPSI Interface
RXDAT
Receive Data
Output
RXDAT is the serial data received from the selected
port. Data on RXDAT is driven on the falling edge of
RXCLK.
RXCLK
Receive Data Clock
Output
RXCLK provides the timing reference for transfer of
the receive data. RXCLK is driven by the device and
operates at a maximum frequency of 10 MHz.
RXCRS
Receive Carrier Sense
Output
The RXCRS pin is active during receive or transmit ac-
tivity for the HomePNA PHY or during receive (based
on TBR17, bit 2) for the 10BASE-T PHY.
CLS
Collision
Output
This signal is asserted whenever a collision is detected
on the transmit and receive path of the selected port.
This signal will also be asserted for ~1
µs within 40 µs
after the negation of the TXEN signal in support of the
SQE test. The SQE functionality may be controlled via
TBR17, bit 11, and HPR16, bit 12.
TXDAT
Transmit Data
Input
TXDAT is the serial data driven from the MAC. Data on
TXDAT is latched on the falling edge of TXCLK.
TXCLK
Transmit Data Clock
Output
TXCLK provides the timing reference for transfer of the
transmitted data. TXCLK is driven by the device and
operates at a maximum frequency of 10 MHz.
TXEN
Transmit Enable
Input
TXEN indicates when the MAC device is presenting
valid transmit data on the TXDAT pin. TXEN must be
asserted with the first bit of preamble and remain as-
serted throughout the duration of the packet until it is
deasserted prior to the first TXCLK following the final
bit of the frame. TXEN transitions are synchronous to
TXCLK.
SPI Interface (Slave Mode Only)
SCLK
SPI Clock
Input
SCLK is driven from the controlling device as a timing
reference for transfer of information on the SDI and SDO
signals. The maximum clock frequency is 2.5 MHz.
CS
SPI Chip Select
Input
This pin is used to enable the Am79C901A for slave
mode transfers. When this pin is inactive (HIGH), the
device ignores SCLK and SDI inputs and holds SDO in
high-impedance.
SDI
SPI Serial Data In
Input
This data line provides input data from the master de-
vice to the Am79C901A. The data presented on this pin
is latched on the rising edge of SCLK.
SDO
SPI Serial Data Out
Output
T h is dat a line p r o v ides o u t p ut dat a f r om t h e
Am79C901A to the master device. To provide for a ro-
bust interface, this data is driven on the rising edge of
SCLK.
MII Interface
RX_CLK
Receive Clock
Output
RX_CLK is a clock input that provides the timing ref-
erence for the transfer of the RX_DV, RXD[3:0], and
R X_E R signal s f r om th e A m 79C901 A device.
RX_CLK will provide a nibble rate clock. It operates
at a maximum frequency of 2.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com