Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVC Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM79C901AVC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVC Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM79C901AVC Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVC Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Am79C901A
61
PR ELI M IN AR Y
TBR5: 10BASE-T Auto-Negotiation Link Partner Ability Register (Register 5)
The Auto-Negotiation Link Partner Ability Register is
Read Only. The register contains the advertised ability
of the link partner. The bit definitions represent the re-
ceived link code word. This register contains either the
base page or the link partner’s next pages. The values
contained in these registers are only valid once Auto-
Negotiation has successfully completed, as indicated
by bit 5 in TBR1, or if the Next Page exchange is used
after the Page Received (TBR6, bit 1) has been set to
logic one. See Table 46 and Table 47.
Table 46.
TBR5: 10BASE-T Auto-Negotiation Link Partner Ability Register (Register 5) - Base Page Format
Table 47.
TBR5: 10BASE-T Auto-Negotiation Link Partner Ability Register (Register 5) - Next Page Format
Bits
Name
Description
Read/
Write
Default Value
(hex)
15
Next Page
Link partner next page request
R0
14
Acknowledge
Link partner acknowledgment
R0
13
Remote Fault
Link partner remote fault request
R0
12:5
Technology Ability
Link partner technology ability field
R0
4:0
Selector Field
Link partner selector field
R0
Bits
Name
Description
Read/
Write
Default Value
(hex)
15
Next Page
Link partner next page request
R0
14
Acknowledge
Link partner acknowledgment
R0
13
Message Page
Link partner message page request
R0
12
Acknowledge 2
1 = Link partner can comply with the request
0 = Link partner cannot comply with the request
R0
11
Toggle
Link partner toggle bit
R0
10:0
Message Field
Link partner’s message code
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com